Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7626 Datasheet (PDF) - Analog Devices

ADV7626 Datasheet PDF - Analog Devices
Part # ADV7626
Download  ADV7626 Download
File Size   386.07 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3 GHz HDMI 2:2 Crosspoint Transceiver

ADV7626 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADV7626 Datasheet PDF - Analog Devices

Part # ADV7626
Download  ADV7626 Click to download

File Size   386.07 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3 GHz HDMI 2:2 Crosspoint Transceiver

ADV7626 Datasheet (HTML) - Analog Devices


ADV7626 Product details

GENERAL DESCRIPTION
The ADV7626 is a high performance, High-Definition Multimedia Interface (HDMI®) transceiver with crosspoint and splitter capabilities. The ADV7626 supports 3 GHz video and features two independent HDMI receivers, two independent HDMI transmitters, two audio output ports, and two audio input ports. The ADV7626 supports all HDCP repeater functions through fully tested Analog Devices, Inc., repeater software libraries and drivers.

FEATURES
    2-input, 2-output crosspoint HDMI transceiver
    HDMI support
        3 GHz video support (up to 4k × 2k)
        Audio return channel (ARC)
        3D TV support
        Content type bits
        CEC 1.4-compatible
        Extended colorimetry
    Character- and icon-based on-screen display (OSD)
        3D OSD overlay on all mandatory 3D formats
        Support for OSD overlay on 3 GHz video formats
    High-bandwidth Digital Content Protection (HDCP 1.4)
    HDCP repeater support: up to 127 KSVs supported
    300 MHz maximum TMDS clock frequency (up to 4k × 2k)
    48-/36-/30-bit Deep Color input modes supported
    Ultralow jitter digital PLL (100% deskew)
    2 independent HDMI receivers
        3 GHz support on all inputs
        Adaptive equalizer for cable lengths up to 30 meters
        Flexible internal EDID RAM supports dual EDIDs
        Replication of either dual EDID on any input port
        5 V detect inputs
        Hot Plug assert control outputs
    2 independent HDMI transmitters
        3 GHz support on all outputs
        EDID data extraction
        Hot Plug detect (HPD) inputs
        Audio return channel (ARC) receiver per transmitter
        3 GHz color space converter (CSC) per transmitter
    Audio
        HDMI-compatible audio interface
        2 independent 8-channel audio extraction ports
        2 independent 8-channel audio insertion ports
        S/PDIF (IEC 60958-compatible) digital audio input/output
        Super Audio CD® (SACD) with DSD input/output interface
        High bit rate (HBR) audio
        Dolby® TrueHD
        DTS-HD Master Audio™
        Full audio input and output support
    General
        Interrupt controller
        Standard identification (STDI) circuit
        Software libraries, driver, and application available

APPLICATIONS
    AVR
    Soundbar with HDMI repeater support
    Matrix switch
    Other repeater applications




Similar Part No. - ADV7626

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7622BSTZ AD-ADV7622BSTZ Datasheet
287Kb / 16P
HDMI Transceiver
REV. D
ADV7622BSTZ-RL AD-ADV7622BSTZ-RL Datasheet
287Kb / 16P
HDMI Transceiver
REV. D
ADV7623 AD-ADV7623 Datasheet
76Kb / 2P
HDMI Transceiver with Fast Port Switching
Rev. SpA
ADV7623BSTZ AD-ADV7623BSTZ Datasheet
271Kb / 16P
HDMI Transceiver with Fast Port Switching
REV. D
ADV7623BSTZ-P AD-ADV7623BSTZ-P Datasheet
271Kb / 16P
HDMI Transceiver with Fast Port Switching
REV. D
More results


Similar Description - ADV7626

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY55854U MICREL-SY55854U Datasheet
40Kb / 7P
2 X 2 PROTECTION CROSSPOINT SWITCH
SY55854U MICREL-SY55854U_07 Datasheet
251Kb / 8P
2 x 2 Protection Crosspoint Switch
logo
Maxim Integrated Produc...
MAX3841 MAXIM-MAX3841 Datasheet
203Kb / 7P
12.5Gbps CML 2 × 2 Crosspoint Switch
Rev 1; 3/09
logo
Micrel Semiconductor
SY55854U MICREL-SY55854U_10 Datasheet
238Kb / 8P
2 x 2 Protection Crosspoint Switch
SY55854U_1107 MICREL-SY55854U_1107 Datasheet
219Kb / 8P
2 x 2 Protection Crosspoint Switch
logo
Texas Instruments
SN65LVCP202 TI1-SN65LVCP202 Datasheet
1Mb / 20P
Gigabit 2 횞 2 CROSSPOINT SWITCH
SN65LVCP202 TI1-SN65LVCP202_14 Datasheet
1Mb / 21P
Gigabit 2 횞 2 CROSSPOINT SWITCH
logo
Analog Devices
ADG799A AD-ADG799A_15 Datasheet
574Kb / 24P
Wide Bandwidth, Triple 2 2 Crosspoint Switch
REV. 0
ADV7625 AD-ADV7625 Datasheet
412Kb / 24P
3 GHz HDMI 5:2 Crosspoint Transceiver
12/13-Revision 0
ADV7672 AD-ADV7672 Datasheet
70Kb / 2P
40 Gbps HDMI 2:2 Crosspoint Transceiver
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com