Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

551945 Datasheet (PDF) - Belden Inc.

551945 Datasheet PDF - Belden Inc.
Part # 551945
Download  551945 Download
File Size   155.93 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Surveillance CCTV, RG-59 #22 BC, 93% BC Braid, CM

551945 Datasheet (PDF)

Go To PDF Page Download Datasheet
551945 Datasheet PDF - Belden Inc.

Part # 551945
Download  551945 Click to download

File Size   155.93 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Surveillance CCTV, RG-59 #22 BC, 93% BC Braid, CM

551945 Datasheet (HTML) - Belden Inc.


551945 Product details

Product Description
Surveillance & CCTV Cable, RG59, Rated-CM, 22 AWG stranded bare copper, foam polyolefin core, 93% bare copper braid, PVC jacket




Similar Part No. - 551945

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
551945 ETC2-551945 Datasheet
359Kb / 5P
Surveillance and CCTV Applications Shielded or Flooded for Use in Underground Ducts
More results


Similar Description - 551945

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C8025 GENERAL-C8025 Datasheet
36Kb / 2P
RG 59/U Type Coaxial & 2/C 22 AWG Shielded Siamese CCTV - Cable
C8028 GENERAL-C8028 Datasheet
37Kb / 2P
RG 59/U Type Coaxial & 2/C 18 AWG Siamese CCTV - Cable
C8030 GENERAL-C8030 Datasheet
36Kb / 2P
RG 59/U Type Coaxial & 2/C 18 AWG Siamese CCTV- Plenum Cable
logo
Belden Inc.
1505F BELDEN-1505F Datasheet
243Kb / 2P
75 Ohm SDI Coax, RG-59, 22 AWG Str BC, Double 95% TC Braid
8241 BELDEN-8241 Datasheet
235Kb / 2P
75 Ohm Analog Video Coax, RG-59, 23 AWG Solid BCCS, 95% BC Braid, PVC Jkt, CM
8795 BELDEN-8795 Datasheet
164Kb / 2P
Electronic, 2 C #22 Sol BC, PO Ins, PVC Jkt, CM
05-05-2023
9794 BELDEN-9794 Datasheet
165Kb / 2P
Electronic, 4 C #22 Sol BC, PO Ins, PVC Jkt, CM
05-05-2023
8794 BELDEN-8794 Datasheet
164Kb / 2P
Electronic, 3 C #22 Sol BC, PO Ins, PVC Jkt, CM
05-05-2023
9151 BELDEN-9151 Datasheet
154Kb / 2P
Speaker Cable, 2 Conductor 22 AWG BC, Unshielded, CM
12-20-2022
9712 BELDEN-9712 Datasheet
144Kb / 2P
Speaker Cable, 2 Conductor 22 AWG BC, Unshielded, CM
12-20-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com