Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXM5S Datasheet (PDF) - Sensata Technologies, Inc.

AXM5S Datasheet PDF - Sensata Technologies, Inc.
Part # AXM5S
Download  AXM5S Download
File Size   194.05 Kbytes
Page   4 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description ANALOG SINGLE-TURN ENCODERS, STAINLESS STEEL 316 - IP69K

AXM5S Datasheet (PDF)

Go To PDF Page Download Datasheet
AXM5S Datasheet PDF - Sensata Technologies, Inc.

Part # AXM5S
Download  AXM5S Click to download

File Size   194.05 Kbytes
Page   4 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description ANALOG SINGLE-TURN ENCODERS, STAINLESS STEEL 316 - IP69K

AXM5S Datasheet (HTML) - Sensata Technologies, Inc.


AXM5S Product details

Features
• Adapted to food and beverage – pharmaceutic - river –
offshore applications
• Stainless steel encoder (316) with hygienic design
• Flanges and shaft adapted to the market needs
• Robustness and excellent resistance to shocks / vibrations
• Double ball bearings with safety lock system
• High protection level IP69K
• Power supply from 10 to 30Vdc
• Available output interfaces : 0..10V, 0.5..4.5V, 4..20mA
• High performances in temperature –40°C to +85°C
• Magnetic technology, Hall effect contactless
• Available resolution up to 12 bits per revolution
• Adapted axial cable gland output




Similar Part No. - AXM5S

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
AXM5S10-AA-PBBB-12-BXA020 SENSATA-AXM5S10-AA-PBBB-12-BXA020 Datasheet
186Kb / 3P
CANOPEN SINGLE-TURN ENCODERS – STAINLESS STEEL 316 - IP69K
Revised 03/29/2018
AXM5S10-AA-PBBB-12-BXA050 SENSATA-AXM5S10-AA-PBBB-12-BXA050 Datasheet
186Kb / 3P
CANOPEN SINGLE-TURN ENCODERS – STAINLESS STEEL 316 - IP69K
Revised 03/29/2018
AXM5S SENSATA-AXM5S_V01 Datasheet
186Kb / 3P
CANOPEN SINGLE-TURN ENCODERS – STAINLESS STEEL 316 - IP69K
Revised 03/29/2018
More results


Similar Description - AXM5S

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
GOT812LR-832 AXIOMTEK-GOT812LR-832 Datasheet
431Kb / 2P
Type 316 stainless steel front bezel
GOT817-834 AXIOMTEK-GOT817-834 Datasheet
616Kb / 2P
Full stainless steel enclosure with type 316
GOT812LR-834 AXIOMTEK-GOT812LR-834_16 Datasheet
422Kb / 2P
Type 316 stainless steel front bezel
logo
Ralston Instruments.
QTFT-2MS1 RALSTON-QTFT-2MS1_19 Datasheet
496Kb / 1P
Stainless Steel
QTFT-3MS1 RALSTON-QTFT-3MS1_19 Datasheet
440Kb / 1P
Stainless Steel
QTHA-3MS0 RALSTON-QTHA-3MS0_19 Datasheet
464Kb / 1P
Stainless Steel
QTHA-2FS1 RALSTON-QTHA-2FS1_19 Datasheet
285Kb / 1P
Stainless Steel.
QTHA-2FSA RALSTON-QTHA-2FSA_19 Datasheet
281Kb / 1P
Stainless Steel
logo
PANDUIT CORP.
MLT2S-CP316 PANDUIT-MLT2S-CP316 Datasheet
217Kb / 1P
METAL LOCKING TIE STANDARD SERIES 316 STAINLESS STEEL
logo
Hammond Manufacturing L...
HWST363016SS HAMMOND-HWST363016SS Datasheet
158Kb / 2P
IP69K/Type 4X Stainless Steel Wallmount Enclosure
1/9/22
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com