Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXM5S Datasheet(PDF) 1 Page - Sensata Technologies, Inc.

Part # AXM5S
Description  ANALOG SINGLE-TURN ENCODERS, STAINLESS STEEL 316 - IP69K
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

AXM5S Datasheet(HTML) 1 Page - Sensata Technologies, Inc.

  AXM5S Datasheet HTML 1Page - Sensata Technologies, Inc. AXM5S Datasheet HTML 2Page - Sensata Technologies, Inc. AXM5S Datasheet HTML 3Page - Sensata Technologies, Inc. AXM5S Datasheet HTML 4Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Page 1
www.sensata.com
Copyright © 2018 Sensata Technologies, Inc.
Features
• Adapted to food and beverage – pharmaceutic - river –
offshore applications
• Stainless steel encoder (316) with hygienic design
• Flanges and shaft adapted to the market needs
• Robustness and excellent resistance to shocks / vibrations
• Double ball bearings with safety lock system
• High protection level IP69K
• Power supply from 10 to 30Vdc
• Available output interfaces : 0..10V, 0.5..4.5V, 4..20mA
• High performances in temperature –40°C to +85°C
• Magnetic technology, Hall effect contactless
• Available resolution up to 12 bits per revolution
• Adapted axial cable gland output
| AXM5S
ANALOG SINGLE-TURN ENCODERS, STAINLESS STEEL 316 - IP69K
Material
Shaft: Stainless steel 316
Cover: Stainless steel 316
Body: Stainless steel 316
Bearings
Double ball bearings
Maximal Loads
Axial : 250 N
Radial : 500 N
Theoretical mechanical lifetime 109 turns (Faxial / Fradial)
50 N / 100 N : 12
250 N / 500 N : 0,5
Continuous max. speed
3 000 min-1
Shaft inertia
≤ 1,2.10-6 kg.m2
Torque
≤ 90.10-3 N.m
Shocks (EN60068-2-27)
≤ 2000m.s-2 (during 6 ms)
Vibrations (EN60068-2-6)
≤ 200m.s-2 (55 … 2 000 Hz)
Encoder weight (approx.)
0,600 kg
Protection(EN 60529)
IP 69K
EMC
EN 61000-6-4, EN 61000-6-2
Isolation
500 Veff
Operating temperature
- 40... + 85 °C (T° encoder)
Storage temperature
- 40... + 85 °C
MECHANICAL CHARACTERISTICS


Similar Part No. - AXM5S

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
AXM5S10-AA-PBBB-12-BXA020 SENSATA-AXM5S10-AA-PBBB-12-BXA020 Datasheet
186Kb / 3P
CANOPEN SINGLE-TURN ENCODERS – STAINLESS STEEL 316 - IP69K
Revised 03/29/2018
AXM5S10-AA-PBBB-12-BXA050 SENSATA-AXM5S10-AA-PBBB-12-BXA050 Datasheet
186Kb / 3P
CANOPEN SINGLE-TURN ENCODERS – STAINLESS STEEL 316 - IP69K
Revised 03/29/2018
AXM5S SENSATA-AXM5S_V01 Datasheet
186Kb / 3P
CANOPEN SINGLE-TURN ENCODERS – STAINLESS STEEL 316 - IP69K
Revised 03/29/2018
More results

Similar Description - AXM5S

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
GOT812LR-832 AXIOMTEK-GOT812LR-832 Datasheet
431Kb / 2P
Type 316 stainless steel front bezel
GOT817-834 AXIOMTEK-GOT817-834 Datasheet
616Kb / 2P
Full stainless steel enclosure with type 316
GOT812LR-834 AXIOMTEK-GOT812LR-834_16 Datasheet
422Kb / 2P
Type 316 stainless steel front bezel
logo
Ralston Instruments.
QTFT-2MS1 RALSTON-QTFT-2MS1_19 Datasheet
496Kb / 1P
Stainless Steel
QTFT-3MS1 RALSTON-QTFT-3MS1_19 Datasheet
440Kb / 1P
Stainless Steel
QTHA-3MS0 RALSTON-QTHA-3MS0_19 Datasheet
464Kb / 1P
Stainless Steel
QTHA-2FS1 RALSTON-QTHA-2FS1_19 Datasheet
285Kb / 1P
Stainless Steel.
QTHA-2FSA RALSTON-QTHA-2FSA_19 Datasheet
281Kb / 1P
Stainless Steel
logo
PANDUIT CORP.
MLT2S-CP316 PANDUIT-MLT2S-CP316 Datasheet
217Kb / 1P
METAL LOCKING TIE STANDARD SERIES 316 STAINLESS STEEL
logo
Hammond Manufacturing L...
HWST363016SS HAMMOND-HWST363016SS Datasheet
158Kb / 2P
IP69K/Type 4X Stainless Steel Wallmount Enclosure
1/9/22
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com