Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1757743 Datasheet (PDF) - PHOENIX CONTACT

1757743 Datasheet PDF - PHOENIX CONTACT
Part # 1757743
Download  1757743 Download
File Size   489.42 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MKDS 1,5/21 - PCB terminal block

1757743 Datasheet (PDF)

Go To PDF Page Download Datasheet
1757743 Datasheet PDF - PHOENIX CONTACT

Part # 1757743
Download  1757743 Click to download

File Size   489.42 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MKDS 1,5/21 - PCB terminal block

1757743 Datasheet (HTML) - PHOENIX CONTACT


1757743 Product details

PCB terminal block, nominal current: 17.5 A, rated voltage (III/2): 400 V, nominal cross section:
1.5 mm2, number of potentials: 21, number of rows: 1, number of positions per row: 21, product
range: MKDS 1,5, pitch: 5 mm, connection method: Screw connection with tension sleeve, screw
head form: L Slotted, mounting: Wave soldering, conductor/PCB connection direction: 0 °, color:
green, Pin layout: Linear pinning, Solder pin [P]: 3.5 mm, number of solder pins per potential: 1,
type of packaging: packed in cardboard. The article can be aligned to create different nos. of
positions!

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• Allows connection of two conductors
• The latching on the side enables various numbers of positions to be combined




Similar Part No. - 1757743

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
17577 ETC2-17577 Datasheet
2Mb / 6P
Except for the Wattmeters Frequency Meters
logo
Festo Corporation.
175770 FESTO-175770 Datasheet
99Kb / 1P
Compact air cylinder
logo
PHOENIX CONTACT
1757730 PHOENIX-1757730 Datasheet
57Kb / 4P
Printed-circuit board connector - MC 1,5/ 2-G-3,81 BU
More results


Similar Description - 1757743

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1715093 PHOENIX-1715093 Datasheet
136Kb / 8P
PCB terminal block - MKDS 1,5/10
1715187 PHOENIX-1715187 Datasheet
60Kb / 5P
PCB terminal block - MKDS 1,5/ 5
1715190 PHOENIX-1715190 Datasheet
74Kb / 6P
PCB terminal block - MKDS 1,5/ 6
1715255 PHOENIX-1715255 Datasheet
57Kb / 5P
PCB terminal block - MKDS 1,5/ 2 BU
1715718 PHOENIX-1715718 Datasheet
60Kb / 5P
PCB terminal block - MKDS 1,5/ 9
1718948 PHOENIX-1718948 Datasheet
60Kb / 5P
PCB terminal block - MKDS 1,5/ 7
1742059 PHOENIX-1742059 Datasheet
132Kb / 10P
PCB terminal block - MKDS 1,5/15
09/12/2020
1701303 PHOENIX-1701303 Datasheet
422Kb / 12P
PCB terminal block - MKDS 1,5/16-5,08
Jan 10, 2023
1715307 PHOENIX-1715307 Datasheet
503Kb / 13P
MKDS 1,5/16 - PCB terminal block
1718951 PHOENIX-1718951 Datasheet
502Kb / 13P
MKDS 1,5/11 - PCB terminal block
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com