Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1819040 Datasheet (PDF) - PHOENIX CONTACT

1819040 Datasheet PDF - PHOENIX CONTACT
Part # 1819040
Download  1819040 Download
File Size   447.55 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SPTA 1,5/24-5,08 - PCB terminal block

1819040 Datasheet (PDF)

Go To PDF Page Download Datasheet
1819040 Datasheet PDF - PHOENIX CONTACT

Part # 1819040
Download  1819040 Click to download

File Size   447.55 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SPTA 1,5/24-5,08 - PCB terminal block

1819040 Datasheet (HTML) - PHOENIX CONTACT


1819040 Product details

PCB terminal block, nominal current: 17.5 A, rated voltage (III/2): 320 V, nominal cross section:
1.5 mm2, number of potentials: 24, number of rows: 1, number of positions per row: 24, product
range: SPTA 1,5/, pitch: 5.08 mm, connection method: Push-in spring connection, mounting:
Wave soldering, conductor/PCB connection direction: 45 °, color: green, Pin layout: Linear
pinning, Solder pin [P]: 3.4 mm, number of solder pins per potential: 2, type of packaging:
packed in cardboard

Your advantages
• Time saving push-in connection, tools not required
• Defined contact force ensures that contact remains stable over the long term
• Intuitive operation due to color-coded actuating push button
• Angled connection enables multi-row arrangement on the PCB
• Quick and convenient testing using integrated test option
• Two solder pins reduce the mechanical strain on the soldering spots




Similar Part No. - 1819040

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1819024 PHOENIX-1819024 Datasheet
449Kb / 11P
SPTA 1,5/16-5,08 - PCB terminal block
1819037 PHOENIX-1819037 Datasheet
448Kb / 11P
SPTA 1,5/18-5,08 - PCB terminal block
1819079 PHOENIX-1819079 Datasheet
69Kb / 4P
PCB connection terminal block - SPTA 5/ 1-7,5
1819082 PHOENIX-1819082 Datasheet
74Kb / 4P
PCB connection terminal block - SPTA 5/ 2-7,5-ZB
1819095 PHOENIX-1819095 Datasheet
74Kb / 4P
PCB connection terminal block - SPTA 5/ 3-7,5-ZB
More results


Similar Description - 1819040

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1744442 PHOENIX-1744442 Datasheet
102Kb / 5P
PCB terminal block - SPTA 1,5/ 3-5,08
1751163 PHOENIX-1751163 Datasheet
80Kb / 5P
PCB terminal block - SPTA 1,5/ 2-5,08
1751189 PHOENIX-1751189 Datasheet
80Kb / 5P
PCB terminal block - SPTA 1,5/ 4-5,08
1751215 PHOENIX-1751215 Datasheet
80Kb / 5P
PCB terminal block - SPTA 1,5/ 7-5,08
1751231 PHOENIX-1751231 Datasheet
80Kb / 5P
PCB terminal block - SPTA 1,5/ 9-5,08
1751244 PHOENIX-1751244 Datasheet
102Kb / 5P
PCB terminal block - SPTA 1,5/10-5,08
1751257 PHOENIX-1751257 Datasheet
80Kb / 5P
PCB terminal block - SPTA 1,5/11-5,08
1751464 PHOENIX-1751464 Datasheet
80Kb / 5P
PCB terminal block - SPTA 1,5/12-5,08
1751202 PHOENIX-1751202 Datasheet
444Kb / 11P
PCB terminal block - SPTA 1,5/ 6-5,08
1071199 PHOENIX-1071199 Datasheet
357Kb / 11P
SPTA-THR 1,5/ 2-5,08 R32 - PCB terminal block
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com