Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA812 Datasheet (PDF) - Goodwork Semiconductor Co., Ltd .

2SA812 Datasheet PDF - Goodwork Semiconductor Co., Ltd .
Part # 2SA812
Download  2SA812 Download
File Size   526.31 Kbytes
Page   3 Pages
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .
Description Plastic-Encap sulate Transistors

2SA812 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SA812 Datasheet PDF - Goodwork Semiconductor Co., Ltd .

Part # 2SA812
Download  2SA812 Click to download

File Size   526.31 Kbytes
Page   3 Pages
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .
Description Plastic-Encap sulate Transistors

2SA812 Datasheet (HTML) - Goodwork Semiconductor Co., Ltd .


2SA812 Product details

FEATURES
Complementary to 2SC1623
High DC Current Gain: hFE=200 TYP.(VCE=-6V,IC=-1mA)
High Voltage: Vceo=-50V




Similar Part No. - 2SA812

ManufacturerPart #DatasheetDescription
logo
NEC
2SA812 NEC-2SA812 Datasheet
241Kb / 4P
AUDIO FREQUENCY,GENERAL PURPOSE AMPLIFIER PNP SILICON EPITAXIAL TRANSISTOR MINI MOLD
logo
TRANSYS Electronics Lim...
2SA812 TEL-2SA812 Datasheet
69Kb / 1P
Plastic-Encapsulated Transistors
logo
Galaxy Semi-Conductor H...
2SA812 BILIN-2SA812 Datasheet
253Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
logo
Guangdong Kexin Industr...
2SA812 KEXIN-2SA812 Datasheet
123Kb / 2P
PNP Silicon Epitaxial Transistor
logo
Dc Components
2SA812 DCCOM-2SA812 Datasheet
228Kb / 1P
TECHNICAL SPECIFICATIONS OF PNP EPITAXIAL PLANAR TRANSISTOR
More results


Similar Description - 2SA812

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
2N7002 TEL-2N7002 Datasheet
111Kb / 1P
Plastic-Encapsulated Transistors
2N7002W TEL-2N7002W Datasheet
112Kb / 1P
Plastic-Encapsulated Transistors
2SA821 TEL-2SA821 Datasheet
66Kb / 1P
Plastic-Encapsulated Transistors
2SA821S TEL-2SA821S Datasheet
64Kb / 1P
Plastic-Encapsulated Transistors
logo
Nanjing International G...
RB520S-40-1A-SOD-523 DGNJDZ-RB520S-40-1A-SOD-523 Datasheet
837Kb / 4P
SOD-523 Plastic-Encap sulate Diodes
logo
Jiangsu High diode Semi...
HDK3400A HDSEMI-HDK3400A Datasheet
2Mb / 5P
SOT-23-3L Plastic-Enca p sulate MOSFET
HDK3401A HDSEMI-HDK3401A Datasheet
2Mb / 5P
SOT-23-3L Plastic-Enca p sulate MOSFET
logo
Jiangsu Changjiang Elec...
2SA1020 JIANGSU-2SA1020 Datasheet
6Mb / 4P
TO-92MOD Plastic-Encap sulate Transistors
logo
Rectron Semiconductor
PZTA44 RECTRON-PZTA44 Datasheet
258Kb / 5P
Plastic-Encap sulate Transistors
logo
Nanjing International G...
NJ7002KDM DGNJDZ-NJ7002KDM Datasheet
2Mb / 5P
SOT-23 -6L Plastic-Encap sulate MOSFETS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com