Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7221 Datasheet (PDF) - OSRAM GmbH

AS7221 Datasheet PDF - OSRAM GmbH
Part # AS7221
Download  AS7221 Download
File Size   2319.05 Kbytes
Page   56 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description CCT Tuning Smart Lighting Manager

AS7221 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS7221 Datasheet PDF - OSRAM GmbH

Part # AS7221
Download  AS7221 Click to download

File Size   2319.05 Kbytes
Page   56 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description CCT Tuning Smart Lighting Manager

AS7221 Datasheet (HTML) - OSRAM GmbH


AS7221 Product details

Features
Intelligent controller with integrated, calibrated
XYZ Tristimulus Sensor (CIE 1931 Standard
Observer Color Function)
Selectable drive modes, including PWMswitched
current steering, 0-10 V or PWM
dimming or PWM-based duty cycle management
Built-in 0-10 V analog or PWM digital dimming
output generator for precise 1% dimming
UART interface for connection to network
hardware clients for protocols such as Bluetooth,
ZigBee and WiFi
Smart Lighting Command Set (SLCS) uses
simple text-based commands to control and
configure a wide variety of functions
20-pin LGA package 4.5mm x 4.7mm x 2.5mm
with integrated aperture -40 °C to 85 °C




Similar Part No. - AS7221

ManufacturerPart #DatasheetDescription
logo
ams AG
AS7221 AMSCO-AS7221 Datasheet
893Kb / 36P
Calibrated XYZ tri-stimulus color sensing for direct translation to CIE 1931/1976 standard observer color MAPS
logo
ams-OSRAM AG
AS7221 AMSOSRAM-AS7221 Datasheet
2Mb / 56P
CCT Tuning Smart Lighting Manager
2019-Jun-28
logo
ams AG
AS7221-BLGT AMSCO-AS7221-BLGT Datasheet
893Kb / 36P
Calibrated XYZ tri-stimulus color sensing for direct translation to CIE 1931/1976 standard observer color MAPS
More results


Similar Description - AS7221

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OZ990S ETC-OZ990S Datasheet
80Kb / 5P
Intelligent Manager Smart PMU/GPIO
OZ990S ETC-OZ990S Datasheet
39Kb / 5P
Intelligent Manager Smart PMU/GPIO
OZ990S ETC-OZ990S Datasheet
39Kb / 5P
Intelligent Manager Smart PMU/GPIO
OZ992S ETC-OZ992S Datasheet
37Kb / 5P
Intelligent Manager Smart ACPI GPIO/SCI
OZ998 ETC-OZ998 Datasheet
50Kb / 7P
Intelligent Manager Smart Multi-DIMM Selector
logo
Linear Technology
LTC1760 LINER-LTC1760 Datasheet
370Kb / 44P
Dual Smart Battery System Manager
LTC1760 LINER-LTC1760_1 Datasheet
340Kb / 44P
Dual Smart Battery System Manager
LTC1760 LINER-LTC1760_15 Datasheet
376Kb / 48P
Dual Smart Battery System Manager
logo
List of Unclassifed Man...
DS-9900 ETC1-DS-9900 Datasheet
469Kb / 6P
9900 Series Oval Flowmeter/Transmitter with SMART METER MANAGER?
logo
Maxim Integrated Produc...
MAX20092 MAXIM-MAX20092 Datasheet
407Kb / 2P
12-Switch Matrix Manager for Automotive Lighting
2018
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com