Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7221 Datasheet(PDF) 6 Page - OSRAM GmbH

Part # AS7221
Description  CCT Tuning Smart Lighting Manager
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7221 Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button AS7221 Datasheet HTML 2Page - OSRAM GmbH AS7221 Datasheet HTML 3Page - OSRAM GmbH AS7221 Datasheet HTML 4Page - OSRAM GmbH AS7221 Datasheet HTML 5Page - OSRAM GmbH AS7221 Datasheet HTML 6Page - OSRAM GmbH AS7221 Datasheet HTML 7Page - OSRAM GmbH AS7221 Datasheet HTML 8Page - OSRAM GmbH AS7221 Datasheet HTML 9Page - OSRAM GmbH AS7221 Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 56 page
background image
Document Feedback
AS7221
General Description
Datasheet
• PUBLIC
DS000479
• v4-00 • 2019-Jun-28
55
│ 5
1.3
Block Diagram
The AS7221 provides closed loop chromatic white sensing and PWM tuning while interfacing to local
and network controls.
The functional blocks of this device are shown below.
Figure 2 :
Functional Blocks of AS7221
SPI
Master
PWM
Generator
Dimming &
Auxiliary
Mode
I²C Master
UART
Cognitive Light
Engine (CLE)
OSC
16 MHz
DAC
DIM
AUX
SDA_M
SCL_M
RX
TX
GND
PWM_1/
0_10V_O
PWM_2
PWM_3
SYNC/
RESN
MODE
LED_IND
MISO
MOSI
CSN
VDD VDDHV
Optional Inputs
Network Access
Setup
Outputs
°C
SCK
X Y Z
Chromatic White
XYZ Sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com