Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7221 Datasheet(PDF) 37 Page - OSRAM GmbH

Part # AS7221
Description  CCT Tuning Smart Lighting Manager
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7221 Datasheet(HTML) 37 Page - OSRAM GmbH

Back Button AS7221 Datasheet HTML 33Page - OSRAM GmbH AS7221 Datasheet HTML 34Page - OSRAM GmbH AS7221 Datasheet HTML 35Page - OSRAM GmbH AS7221 Datasheet HTML 36Page - OSRAM GmbH AS7221 Datasheet HTML 37Page - OSRAM GmbH AS7221 Datasheet HTML 38Page - OSRAM GmbH AS7221 Datasheet HTML 39Page - OSRAM GmbH AS7221 Datasheet HTML 40Page - OSRAM GmbH AS7221 Datasheet HTML 41Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 56 page
background image
Document Feedback
AS7221
Smart Lighting Command Interface
Datasheet
• PUBLIC
DS000479
• v4-00 • 2019-Jun-28
55
│ 36
Command
Direction
Description
Format
Value Range
Default
ATDMAXLUX
R/W
Set the current max
LUX target value for
the DIM pin range.
DEZ
ATDMINLUX
– 64000
64000
ATPCTLUX
R/W
Set the lux target value
in percentage between
ATDMINLUX and
ATDMAXLUX
DEZ
0
– 100, can read back also 101, which
means that the internal set target value is
out of range
0
ATDVAL
R
Reads the current
analog value of the
DIM pin in digits
DEZ
0
– 1023
-
AUX Input Pin and Mapping
ATXE
R/W
Set AUX input function
enable. When set to 0,
all ATXMD operations
are held in default
mode.
DEZ
1: ON, 0: OFF
0
ATXMD
R/W
Set AUX pin mode.
When ATXE=0, all
ATXMD operations are
disabled.
DEZ
0: AUX mode
This is for AUX pin usage as a 0
– 3 V
input that can scale the DIM pin input.
1: OCC mode
This is for the AUX pin to act as a digital
occupancy input (50% threshold) for the
OCC timer. 1 = Occupancy, 0 = No
occupancy. See also ATOCCT
2: CT_TUNE mode
This is for AUX pin usage as CCT target.
Overwrites the ATCCTT command
3: CT_SEL mode
Selected CCT target values, configured in
300 mV step width
0
ATXMIN
R/W
Sets lower end of 0-3 V
AUX pin, using an
integer percentage of
3 V. For example if
ATXMIN=25 sets an
AUX pin range from
0.75 V (25% x 3v) to
3 V for 0-100% scaling.
DEZ
0: ATXMAX
0
ATXMAX
R/W
Sets higher end of 0-
3 V AUX pin, using an
integer percentage of
3 V. For example if
ATXMAX=75 sets an
AUX pin range to
2.25 V (25% x 3v) to
3 V for 0-100% scaling.
DEZ
ATXMIN
– 100
100
ATXMINCCT
R/W
Sets min CCT for
minimum AUX value in
K in AUX CCT_TUNE
mode
DEZ
400
– ATXMAXCCT
400
ATXMAXCCT
R/W
Sets max CCTT for
AUX pin=3 V in K in
AUX CCT_TUNE mode
DEZ
ATXMINCCT
– 15000
15000
ATXVAL
R
Reads the current
analog value of the
AUX pin in digits
DEZ
0
– 1023
-
ATOCCT
R/W
Set Occupancy timeout
value for ATXMD = 1
DEZ
1
– 10 [minutes]
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com