Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7221 Datasheet(PDF) 30 Page - OSRAM GmbH

Part # AS7221
Description  CCT Tuning Smart Lighting Manager
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7221 Datasheet(HTML) 30 Page - OSRAM GmbH

Back Button AS7221 Datasheet HTML 26Page - OSRAM GmbH AS7221 Datasheet HTML 27Page - OSRAM GmbH AS7221 Datasheet HTML 28Page - OSRAM GmbH AS7221 Datasheet HTML 29Page - OSRAM GmbH AS7221 Datasheet HTML 30Page - OSRAM GmbH AS7221 Datasheet HTML 31Page - OSRAM GmbH AS7221 Datasheet HTML 32Page - OSRAM GmbH AS7221 Datasheet HTML 33Page - OSRAM GmbH AS7221 Datasheet HTML 34Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 56 page
background image
Document Feedback
AS7221
UART Command Interface
Datasheet
• PUBLIC
DS000479
• v4-00 • 2019-Jun-28
55
│ 29
9.2
UART Protocol
Figure 26:
UART Protocol
9.3
SPI Timing Characteristics
The AS7221 contains a serial UART interface to connect to a Flash memory. An Overview can be
found in Figure 30. The required timing characteristics for a serial interface is shown in Figure 28 and
in Figure 29 accordingly. If a Flash memory is used for debug purposes which is not listed in Figure 30
it should be ensured that the SPI timing is achieved. Contact ams for requests to support/verify
additional Flash devices beyond those listed in the most current device verification listing.
Figure 27:
AS7221 SPI Timing Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fSCK
Clock Frequency
0
16
MHz
tSCK_H
Clock High Time
40
ns
tSCK_L
Clock Low Time
40
ns
tSCK_RISE
SCK Rise Time
5
ns
tSCK_FALL
SCK Fall Time
5
ns
TCSN_S
CSN Setup Time
Time between CSN high-low transition
to first SCK high transition
5
ns
tCSN_H
CSN Hold Time
Time between last SCK falling edge
and CSN low-high transition
5
ns
tCSN_DIS
CSN Disable Time
10
ns
tDO_S
Data-Out Setup Time
5
ns
After Tbit/2: Sampling of Start Bit
Start Bit
Stop Bit
Data Bits
Start
Next Start
Start Bit detected
Tbit=1/Baud Rate
Always Low
Always High
After Tbit: Sampling of Data
Sample Points



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com