Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7221 Datasheet(PDF) 35 Page - OSRAM GmbH

Part # AS7221
Description  CCT Tuning Smart Lighting Manager
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7221 Datasheet(HTML) 35 Page - OSRAM GmbH

Back Button AS7221 Datasheet HTML 31Page - OSRAM GmbH AS7221 Datasheet HTML 32Page - OSRAM GmbH AS7221 Datasheet HTML 33Page - OSRAM GmbH AS7221 Datasheet HTML 34Page - OSRAM GmbH AS7221 Datasheet HTML 35Page - OSRAM GmbH AS7221 Datasheet HTML 36Page - OSRAM GmbH AS7221 Datasheet HTML 37Page - OSRAM GmbH AS7221 Datasheet HTML 38Page - OSRAM GmbH AS7221 Datasheet HTML 39Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 56 page
background image
Document Feedback
AS7221
Smart Lighting Command Interface
Datasheet
• PUBLIC
DS000479
• v4-00 • 2019-Jun-28
55
│ 34
Command
Direction
Description
Format
Value Range
Default
ATINTTIME
R/W
Set sensor integration
time. Integration time =
<value> x ~2.8 ms
DEZ
1
– 255
20
ATGAIN
R/W
Set sensor gain: 0=1x
gain, 1=3.7x, 2=16x,
3=64x
DEZ
0
– 3
1
ATLED0
R/W
Enables or disables the
indication led
DEZ
0: LED off / 1: LED on
1
ATLAI
R/W
Read lower light
address identifier
DEZ
0
– 65535
65535
ATLAIE
R/W
Read higher light
address identifier
DEZ
0
– 65535
65535
ATTEMP
R
Read the current
device temperature in
degrees Celsius
DEZ
-
-
ATEVENT
R
Read the 16-bit EVENT
register, clearing the
entire register after the
read
HEX
Bit0: OCC
An occupancy (OCC) event has occurred
since the last register read
Bit1: DIM
An adjustment to the dimming level (DIM)
has occurred since the last register read.
Bit2: LED23M
An adjustment to the color tune level
(LED23M) has occurred since the last
register read.
Bit3: Not used
Bit4: SCENE
A scene has triggered since the last
register read
Bit5: DL_LIMIT
The lumen controller has reached a limit,
target value cannot reached
Bit6: CT_LIMIT
The color temperature controller has
reached a limit, target value cannot
reached
0x0000
ATPERSMEM
R/W
Enable/Disable writing
to persistent memory
DEZ
0: Disabled, 1: Enabled
0
ATSRST
W
Software Reset
-
-
-
ATFRST
W
Factory Reset. Stored
values are reset to
‘Factory’ defaults.
Afterwards a software
reset is started.
-
-
-
Basic CCT Tuning Control and Color Data
ATCT
R/W
Enables/disables color
tuning
DEZ
1: ON, 0: OFF
0
ATCCTT
R/W
Set the color control
target value in integer
(in K)
DEZ
400
– 15000
2700
ATCCTC
R
Return the calibrated
CCT value
DEZ
400
– 15000
-
ATDUVC
R
Read delta uv values
DEZ
XXXX.XXXX
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com