Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7221 Datasheet(PDF) 19 Page - OSRAM GmbH

Part # AS7221
Description  CCT Tuning Smart Lighting Manager
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7221 Datasheet(HTML) 19 Page - OSRAM GmbH

Back Button AS7221 Datasheet HTML 15Page - OSRAM GmbH AS7221 Datasheet HTML 16Page - OSRAM GmbH AS7221 Datasheet HTML 17Page - OSRAM GmbH AS7221 Datasheet HTML 18Page - OSRAM GmbH AS7221 Datasheet HTML 19Page - OSRAM GmbH AS7221 Datasheet HTML 20Page - OSRAM GmbH AS7221 Datasheet HTML 21Page - OSRAM GmbH AS7221 Datasheet HTML 22Page - OSRAM GmbH AS7221 Datasheet HTML 23Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 56 page
background image
Document Feedback
AS7221
Functional Description
Datasheet
• PUBLIC
DS000479
• v4-00 • 2019-Jun-28
55
│ 18
7.2
XYZ Chromatic White Color Sensor
The XYZ chromatic sensor, part of the AS7221 Cognitive Light Engine (CLE), is a next-generation
digital color sensor device. The sensor contains an integrating analog-to-digital converter (16-bit
resolution ADC), which integrates current from photodiodes. Upon completion of the conversion cycle,
the result is transferred to the corresponding data registers. Transfers are double-buffered to ensure
integrity of the data is maintained.
Standard observer tri-
stimulus (XYZ) interference filters are applied to the SLM’s optical channels as
part of the CMOS process. This unique process enables filter responses that mimic the human eye
and are extremely stable over both operating temperature and time. This in turn allows lifetime
correlated color temperature (CCT) calibration to be performed as part of the manufacturing process.
Calibration is accomplished using standard white LEDs at a variety of CCTs to deliver high accuracy;
eliminating the need for light-by-light calibration in most designs. The Smart Lighting Command Set
(SLCS) also includes provisions for application level calibration to provide a mechanism for additional
design-specific calibration and compensation. Note the AS7221 LGA package contains an internal
aperture that provides a package field of view (PFOV) of ± 20.5°. External optics can be used as
needed to expand or reduce this built in PFOV. Scalar commands supported in the SLCS enable a
level of compensation for added optics.
7.3
Inputs
Figure 13:
VDDHV Based Settings for Inputs
VDDHV
Dimming
10.5-15 V
Direct input for DIM, dimming input
2.97-10 V (1)
External 5:1 resistor divider for DIM, dimming input (2)
(1)
For VDDHV
≤ 3.6 V, VDDHV and VDD should be tied together.
(2)
With external dividers connected to 0-10 V inputs, the max voltage to the device input is 2 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com