Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7221 Datasheet(PDF) 36 Page - OSRAM GmbH

Part # AS7221
Description  CCT Tuning Smart Lighting Manager
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7221 Datasheet(HTML) 36 Page - OSRAM GmbH

Back Button AS7221 Datasheet HTML 32Page - OSRAM GmbH AS7221 Datasheet HTML 33Page - OSRAM GmbH AS7221 Datasheet HTML 34Page - OSRAM GmbH AS7221 Datasheet HTML 35Page - OSRAM GmbH AS7221 Datasheet HTML 36Page - OSRAM GmbH AS7221 Datasheet HTML 37Page - OSRAM GmbH AS7221 Datasheet HTML 38Page - OSRAM GmbH AS7221 Datasheet HTML 39Page - OSRAM GmbH AS7221 Datasheet HTML 40Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 56 page
background image
Document Feedback
AS7221
Smart Lighting Command Interface
Datasheet
• PUBLIC
DS000479
• v4-00 • 2019-Jun-28
55
│ 35
Command
Direction
Description
Format
Value Range
Default
ATXYZC
R
Read calibrated X, Y,
and Z data
DEZ
<XXX.X, YYY.Y, ZZZ.Z>
-
ATSMALLXYC
R
Read calibrated x and
y for CIE 1931 color
gamut
DEZ
<xxxxx.xxxx, yyyyy.yyyy>
-
ATUVPRIMEC
R
Read calibrated u’, v’
and u, v for CIE 1976
color gamut
DEZ
<u'u'u'u'u'.u'u'u'u',v'v'v'v'v'.v'v'v'v',
uuuuu.uuuu,vvvvv.vvvv>
-
Daylight Harvesting / Illumination Control
ATDL
R/W
Enables/disables
daylight harvesting
DEZ
1: ON, 0: OFF
0
ATLUXT
R/W
Set illumination target
LUX value
DEZ
0
– 64000
400
ATLUXS
R/W
Switch between lux
values from internal
sensor and external
ambient light sensor
DEZ
0: Auto detect (higher priority is external
sensor)
1: Internal sensor
2: External ambient light sensor
0
ATLUXC
R
Read the illumination of
the internal sensor in
lux
DEZ
0
– 64000
65535
– LUX value is in saturation
-
ATDMLTL
R/W
Configures the low-end
DIM output to support
also dimmers without
full range dimming (e.g.
10%-100%)
DEZ
0
– 50
0
DIM Input Pin and Mapping
ATDE
R/W
Enable/disable DIM pin
DEZ
1: ON, 0: OFF
0
ATDMD
R/W
Set DIM pin mode.
Only used if ATDE
enabled!
DEZ
0: DIM mode
Range from 0% to 100%, direct regulation
of the brightness of the PWM outputs
1: LUX mode
Range from 0% to 100%, direct regulation
of the illumination [LUX]. Ranges can be
set via ATDMINLUX and ATDMAXLUX.
Overwrites the ATLUXT command
0
ATDMIN
R/W
ATDMIN sets low end
of DIM pin, using an
integer percentage of
10V. For example
ATDMIN=20 sets the
lower DIM pin range to
2.0 V (10V x 20%) for
0% brightness.
DEZ
0: ATDMAX
0
ATDMAX
R/W
ATDMAX sets high end
of DIM pin, using an
integer percentage of
10 V. For example
ATDMAX=80 sets the
higher DIM pin range to
8.0 V (10V x 80%) for
100% brightness.
DEZ
ATDMIN
– 100
100
ATDMINLUX
R/W
Set the current min
LUX target value for
the DIM pin range.
DEZ
0: ATDMAXLUX
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com