Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7221 Datasheet(PDF) 39 Page - OSRAM GmbH

Part # AS7221
Description  CCT Tuning Smart Lighting Manager
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7221 Datasheet(HTML) 39 Page - OSRAM GmbH

Back Button AS7221 Datasheet HTML 35Page - OSRAM GmbH AS7221 Datasheet HTML 36Page - OSRAM GmbH AS7221 Datasheet HTML 37Page - OSRAM GmbH AS7221 Datasheet HTML 38Page - OSRAM GmbH AS7221 Datasheet HTML 39Page - OSRAM GmbH AS7221 Datasheet HTML 40Page - OSRAM GmbH AS7221 Datasheet HTML 41Page - OSRAM GmbH AS7221 Datasheet HTML 42Page - OSRAM GmbH AS7221 Datasheet HTML 43Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 56 page
background image
Document Feedback
AS7221
Smart Lighting Command Interface
Datasheet
• PUBLIC
DS000479
• v4-00 • 2019-Jun-28
55
│ 38
Command
Direction
Description
Format
Value Range
Default
ATLED23M
R/W
Set the value for
PWM2 as a percentage
to drive manual LED
string mixing. PWM3 =
100 - PWM2. The sum
is 100
DEZ
PWM2: 0
– 100
50
Scene Configuration and Management
ATTIMENOW
R/W
Set the current time
with 1 minute
resolution
(update every 30min
recommended for best
scene synchronization)
DEZ
0
– 1439, 65535 - Disabled
65535
ATDOW
R/W
Set day of week
DEZ
0 (Monday)
– 6 (Sunday) 255 - Disabled
255
ATCCLR
W
Restores scene
command defaults in
the specified scene.
HEX
One bit for each scene. 1 = Reset
-
ATSnDAY
R/W
Set scene n day(s) of
week for scene
operation, as a decimal
sum
HEX
A 1 in a bit location activates that day.
lsb=1=Monday operation, etc. (e.g. 07
hex=Wed,Tue, Mon) 0x00 - Days not
configured
0x00
ATSnTIME
R/W
Set scene n start time
DEZ
0
– 1439: 1 minute steps from Midnight
65535 - Scene time not configured
0xFFFF
ATSnCCT
R/W
Calls the ATCCTT
command at scene
trigger time
DEZ
See command ATCCT, 65535
– Value not
used
65535
ATSnLUX
R/W
Calls the ATLUXT
command at scene
trigger time
DEZ
See command ATLUXT, 65535
– Value
not used
65535
ATSnDIM
R/W
Calls the ATDIM
command at scene
trigger time
DEZ
0
– 100, 255 – Value not used
255
ATSnLED23M
R/W
Calls the ATLED23M
command at scene
trigger time
DEZ
0
– 100, 255 – Value not used
255
ATSnPWMx
R/W
Calls the ATXPWMx
command at scene
trigger time
DEZ
0 - 100, 255
– Value not used
255
ATSnRAMP
R/W
Sets ramp duration
time in minutes for the
command:
- ATSnPWMx,
ATSnDIM, ATLED23
–
ramp will be handled
by RAMP-generator
- ATSnLUX, ATSnCCT
– ramp is handled by
scene loop (every
second) and can be
stopped by
configuration of new
target values
This command acts
only for the scene
trigger time and not
global like the
ATRAMP command
DEZ
0
– 240
255
– Value not used
255



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com