Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7221 Datasheet(PDF) 54 Page - OSRAM GmbH

Part # AS7221
Description  CCT Tuning Smart Lighting Manager
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7221 Datasheet(HTML) 54 Page - OSRAM GmbH

Back Button AS7221 Datasheet HTML 48Page - OSRAM GmbH AS7221 Datasheet HTML 49Page - OSRAM GmbH AS7221 Datasheet HTML 50Page - OSRAM GmbH AS7221 Datasheet HTML 51Page - OSRAM GmbH AS7221 Datasheet HTML 52Page - OSRAM GmbH AS7221 Datasheet HTML 53Page - OSRAM GmbH AS7221 Datasheet HTML 54Page - OSRAM GmbH AS7221 Datasheet HTML 55Page - OSRAM GmbH AS7221 Datasheet HTML 56Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 54 / 56 page
background image
Document Feedback
AS7221
Soldering & Storage Information
Datasheet
• PUBLIC
DS000479
• v4-00 • 2019-Jun-28
55
│ 53
14.2.2
Floor Life
The module has been assigned a moisture sensitivity level of MSL 3. As a result, the floor life of
devices removed from the moisture barrier bag is 168 hours from the time the bag was opened,
provided that the devices are stored under the following conditions:
●
Floor Life: 168 hours
●
Ambient Temperature: <30 °C
●
Relative Humidity: <60%
If the floor life or the temperature/humidity conditions have been exceeded, the devices must be
rebaked prior to solder reflow or dry packing.
14.3
Rebaking Instructions
When the shelf life or floor life limits have been exceeded, rebake at 50 °C for 12 hours.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com