Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7221 Datasheet(PDF) 27 Page - OSRAM GmbH

Part # AS7221
Description  CCT Tuning Smart Lighting Manager
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7221 Datasheet(HTML) 27 Page - OSRAM GmbH

Back Button AS7221 Datasheet HTML 23Page - OSRAM GmbH AS7221 Datasheet HTML 24Page - OSRAM GmbH AS7221 Datasheet HTML 25Page - OSRAM GmbH AS7221 Datasheet HTML 26Page - OSRAM GmbH AS7221 Datasheet HTML 27Page - OSRAM GmbH AS7221 Datasheet HTML 28Page - OSRAM GmbH AS7221 Datasheet HTML 29Page - OSRAM GmbH AS7221 Datasheet HTML 30Page - OSRAM GmbH AS7221 Datasheet HTML 31Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 56 page
background image
Document Feedback
AS7221
I²C Master Interface
Datasheet
• PUBLIC
DS000479
• v4-00 • 2019-Jun-28
55
│ 26
8.4
Timing Characteristics
Figure 24 :
AS7221 I²C Master Timing Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fSCL
SCL Clock Frequency
400
400
kHz
tBUF
Bus Free Time Between a
STOP and START
1.3
µs
tHD:STA
Hold Time (Repeated)
START
0.6
µs
tLOW
LOW Period of SCL Clock
1.3
µs
tHIGH
HIGH Period of SCL Clock
0.6
µs
tSU:STA
Setup Time for a Repeated
START
0.6
µs
tHD:DAT
Data Hold Time
0
0.9
µs
tSU:DAT
Data Setup Time
100
ns
tR
Rise Time of Both SDA and
SCL
20
300
ns
tF
Fall Time of Both SDA and
SCL
20
300
ns
tSU:STO
Setup Time for STOP
Condition
0.6
µs
CB
Capacitive Load for Each
Bus Line
CB
— total
capacitance of one
bus line in pF
400
pF
CI/O
I/O Capacitance (SDA,
SCL)
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com