Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7221 Datasheet(PDF) 40 Page - OSRAM GmbH

Part # AS7221
Description  CCT Tuning Smart Lighting Manager
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7221 Datasheet(HTML) 40 Page - OSRAM GmbH

Back Button AS7221 Datasheet HTML 36Page - OSRAM GmbH AS7221 Datasheet HTML 37Page - OSRAM GmbH AS7221 Datasheet HTML 38Page - OSRAM GmbH AS7221 Datasheet HTML 39Page - OSRAM GmbH AS7221 Datasheet HTML 40Page - OSRAM GmbH AS7221 Datasheet HTML 41Page - OSRAM GmbH AS7221 Datasheet HTML 42Page - OSRAM GmbH AS7221 Datasheet HTML 43Page - OSRAM GmbH AS7221 Datasheet HTML 44Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 56 page
background image
Document Feedback
AS7221
Smart Lighting Command Interface
Datasheet
• PUBLIC
DS000479
• v4-00 • 2019-Jun-28
55
│ 39
Command
Direction
Description
Format
Value Range
Default
ATSnFLAGS
R/W
This command is used
to enable/disable
configuration flags like
daylight control, color
tuning, dimming,
auxiliary and calls
directly the related
commands: ATDL,
ATCT, ATDE, ATXE
HEX
0x0001
– Enable DL
0x0002
– Enable CT
0x0004
– Enable DIM pin
0x0008
– Enable AUX pin functions
0xFFFF - Value not used
0xFFFF
ATSnON
W
Set scene n to be
on/off.
DEZ
1: ON, 0: OFF
0
ATTSON
R
Read scenes on/off
status.
HEX
Each bit for one scene
0x0000
I
2C Configurations and UART-I2C Data Bridge
ATESP
R
Read the single 16-bit
sum to determine
availability of natively
supported I2C devices
HEX
Bit0: ams TSL4531 or TSL2572
Bit1: ams ENS210
Bit2: HTU20D (ESP1 only- obsolete)
Bit3: ams CCS811
-
ATTEMPX
R
Read the external
temperature in degrees
Celsius
DEZ
-40
– 125°C (format: XXX.XX)
-
ATRHX
R
Read the external
humidity in percent
DEZ
0
– 100% (format: XXX.XX)
-
ATECO2
R
Reads the eCO2 [in
ppm] value from the
external gas sensor, if
available
DEZ
400 ppm
– 64000 ppm
0 - Means that values will be measured,
but internal calibration is not finished (wait
1min)
-
ATTVOC
R
Reads the TVOC [in
ppb] value from the
external gas sensor, if
available
DEZ
0ppb
– 64000ppb
-
ATI2C
W
Perform a single write
to the I2C bus at the
specified 7-bit device
using the 8 bits of
specified data.
Supports also a single
register set (without
value)
-
ATI2C=<7-bit_address>, <8-bit_reg>,
[<8-bit_data>]
- [<8-bit_data>] is optional
Examples:
- ATI2C=50,0x12, 0xFF: Writes value
0xFF to register 0x12 on device address
50
- ATI2C=50,0x12,: Set register 0x12 on
device address 50
-
ATI2C
R
Perform a single read
from the I2C bus at the
specified 7-bit device
address and 8-bit
register, returning
8 bits of data or
ERROR
HEX
ATI2C=<7-bit_address>, <8-bit_reg>
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com