Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7221 Datasheet(PDF) 22 Page - OSRAM GmbH

Part # AS7221
Description  CCT Tuning Smart Lighting Manager
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7221 Datasheet(HTML) 22 Page - OSRAM GmbH

Back Button AS7221 Datasheet HTML 18Page - OSRAM GmbH AS7221 Datasheet HTML 19Page - OSRAM GmbH AS7221 Datasheet HTML 20Page - OSRAM GmbH AS7221 Datasheet HTML 21Page - OSRAM GmbH AS7221 Datasheet HTML 22Page - OSRAM GmbH AS7221 Datasheet HTML 23Page - OSRAM GmbH AS7221 Datasheet HTML 24Page - OSRAM GmbH AS7221 Datasheet HTML 25Page - OSRAM GmbH AS7221 Datasheet HTML 26Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 56 page
background image
Document Feedback
AS7221
Functional Description
Datasheet
• PUBLIC
DS000479
• v4-00 • 2019-Jun-28
55
│ 21
SYNC pin is left open, synchronization is automatically disabled by the internal pull-up connected to
the SYNC/RESN pin.
Refer to Figure 17 below. When pulled down for more than 100 ms the SYNC/RESN pin will reset the
AS7221
Smart Lighting Manager. In this case, the push button “overrides” the output of the opto-
coupler. Therefore, a resistor should be placed in series with the opto-coupler.
Figure 17:
Synchronization and Reset
7.5
PWM Outputs
The AS7221 outputs, used to control dimming and LED warm/cool strings can be configured as either
three PWM outputs, two PWMs and one analog output, or two PWMs. The PWMs are 7-bit for direct
configuration, 12-bit for automatic scaling (daylight and color tune algorithm) and factory set to 886 Hz.
Refer to Figure 18. If necessary, an adjustment of the PWM output frequency from 100 Hz up to 4 kHz
is possible.
The three PWM outputs, PWM_1, PWM_2 and PWM_3 all switch with the same frequency, but are
not simultaneous for better EMI performance.
The PWM_1 output can be set to either analog (0-VDDHV) or digital (0-VDDHV) dimming. Analog
dimming range is 0-100%. Digital Dimming range is 0-100%. PWM2 and PWM3 are used for cool
white and warm white LED color controlling. The cool white LED string needs to be connected to
PWM2 and the warm white LED string to PWM3 accordingly. Range is 0-100% for both PWM2 and
PWM3. If the external dimming device does not support the full range 0-100% it is possible to adjust
the low end of the dimming range via the ATDMLTL smart lighting command.
For test and scene configuration purposes 2 direct PWM AT-commands are available. ATXPWMx can
be used for scene confiruations. It allows a direct PWM input at the scene ramp generator and
override all PWM values calculated by the AS7221. ATPWMx can be used for hardware tests. It
Opto Coupler
VDD
AC Main
CLE
SYNC/
RESN
10k
optional
SYNC and Reset
Push > 100ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com