Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7221 Datasheet(PDF) 17 Page - OSRAM GmbH

Part # AS7221
Description  CCT Tuning Smart Lighting Manager
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7221 Datasheet(HTML) 17 Page - OSRAM GmbH

Back Button AS7221 Datasheet HTML 13Page - OSRAM GmbH AS7221 Datasheet HTML 14Page - OSRAM GmbH AS7221 Datasheet HTML 15Page - OSRAM GmbH AS7221 Datasheet HTML 16Page - OSRAM GmbH AS7221 Datasheet HTML 17Page - OSRAM GmbH AS7221 Datasheet HTML 18Page - OSRAM GmbH AS7221 Datasheet HTML 19Page - OSRAM GmbH AS7221 Datasheet HTML 20Page - OSRAM GmbH AS7221 Datasheet HTML 21Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 56 page
background image
Document Feedback
AS7221
Functional Description
Datasheet
• PUBLIC
DS000479
• v4-00 • 2019-Jun-28
55
│ 16
Figure 11:
AS7221 Workflow Abstract
The AS7221 does not include embedded operating code. Initial programming of an installed,
compatible Flash memory device must be accomplished external to the SLM at the time of end-
product manufacturing to enable an initial functional state. Options include programming with a JTAG
or serial programmer (e.g. FlashCat USB) or working with a components distributor or device
programming service company for preprogramming devices. After initial programming, over-the-
air/over-the-wire operating image updates are supported by commands in the Smart Lighting
Command Set.
A binary image software configuration tool is available from ams to allow the luminaire, lamp or driver
m
anufacturer to create their own “factory default” conditions that will be integrated with the ams–
supplied initial binary image to create a ready-to-program default Flash image. The configuration tool
is available from https://download.ams.com (see Smart Lighting Command Interface section).
XYZ color point response is accomplished via standard observer interference filters, which are
extremely stable over time and temperature. To ensure accuracy, the AS7221 LGA package contains
an internal aperture that limits the sensor package field of view (PFOV) of ± 20.5°, as shown in
Figure 10. External optics can be used as needed to expand or reduce this built in PFOV.
1-channel
constant
current
LED driver
Flash
optional
Daylight Sensor
Ambient LUX
Measurement
(outwards
looking sensor)
CCT and/or LUX Measurement
(inwards looking)
DIM or
LUX target
AUX or
OCC or
CCT target
DIM
(ATDMD=0)
Lux
(ATDMD=1)
Coefficient
calculation
Daylight
algorithm
RAMP
Generator
(ATBLINK,
ATRAMP)
PWM 1
Min/Max
Settings
DIM range
(ATDMIN,
ATDMAX)
Target LUX
calculation
(ATDMINLUX,
ATDMAXLUX)
RAMP
Generator
(ATBLINK,
ATRAMP)
PWM 2
PWM 3
ATDL=0
ATDL=1
Mode=2
RAMP
Generator
(ATBLINK,
ATRAMP)
Min/Max
Settings
CCT range
(ATXMIN,
ATXMAX)
AUX
Coefficient
calculation
(ATXMD=0)
OCC
Threshold
detect
(ATXMD=1)
CCT
Target CCT
calculation
(ATXMD=2)
Timer
(ATLIGHT=0/1)
AUX or OCC or
CCT
(ATXMD)
Color Tuning
Algorithm
AUX_FACTOR
calculation
UART
CCT
CCT preselect
(ATXMD=3)
DIM_LIMIT
X%...100%
(ATDMLTL)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com