Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7421-ZLGT Datasheet (PDF) - OSRAM GmbH

AS7421-ZLGT Datasheet PDF - OSRAM GmbH
Part # AS7421-ZLGT
Download  AS7421-ZLGT Download
File Size   2754.68 Kbytes
Page   53 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description 64-Channel Hyperspectral NIR Sensor

AS7421-ZLGT Datasheet (PDF)

Go To PDF Page Download Datasheet
AS7421-ZLGT Datasheet PDF - OSRAM GmbH

Part # AS7421-ZLGT
Download  AS7421-ZLGT Click to download

File Size   2754.68 Kbytes
Page   53 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description 64-Channel Hyperspectral NIR Sensor

AS7421-ZLGT Datasheet (HTML) - OSRAM GmbH


AS7421-ZLGT Product details

Features
61 individual and 4 special purpose spectral
channels with a FWHM of typical 10 nm
16-bit full scale resolution per spectral channel
16 parallel sampling ADCs with individual gain
settings
256 ms to obtain measurement data for all 64
channels
Integrated 64-channel sensor with on-chip
Fabry-Perot filters
Integrated NIR light source (LED) to cover
750 - 1050 nm range
Integrated programmable LED driver
Integrated optics to limit AOI on sensor
3.3 V VDD operation
Configurable sleep mode
Interrupt-driven device
Configurable GPIO to trigger/sync spectral
measurements
Calibration library support which includes data
post-processing of spectral raw data
Data output options: raw data, absorbance
spectra, 1st derivative of absorbance spectra, 2nd
derivative of absorbance spectra




Similar Part No. - AS7421-ZLGT

ManufacturerPart #DatasheetDescription
logo
ams AG
AS7421-ZLGT AMSCO-AS7421-ZLGT Datasheet
2Mb / 53P
64-Channel Hyperspectral NIR Sensor
v1-00 / 2022-Aug-25
logo
ams-OSRAM AG
AS7421-ZLGT AMSOSRAM-AS7421-ZLGT Datasheet
2Mb / 53P
64-Channel Hyperspectral NIR Sensor
2022-Oct-13
More results


Similar Description - AS7421-ZLGT

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
H9170-45 HAMAMATSU-H9170-45 Datasheet
339Kb / 4P
NIR-PMT MODULE
R5509-42 HAMAMATSU-R5509-42 Datasheet
391Kb / 12P
NIR PHOTOMULTIPLIER TUBES
logo
List of Unclassifed Man...
AD500-9 ETC1-AD500-9 Datasheet
215Kb / 2P
Avalanche Photodiode NIR
logo
Hamamatsu Corporation
R5509-43 HAMAMATSU-R5509-43_05 Datasheet
103Kb / 4P
NIR PHOTOMULTIPLIER TUBES
logo
Roithner LaserTechnik G...
SSO-AD-500NIR-TO52-S1 ROITHNER-SSO-AD-500NIR-TO52-S1 Datasheet
136Kb / 2P
Avalanche Photodiode NIR
logo
ams AG
AS7261N AMSCO-AS7261N Datasheet
1Mb / 42P
XYZ Tri-Stimulus and NIR Sensor with Electronic Shutter
AS7265X AMSCO-AS7265X Datasheet
1Mb / 63P
Smart 18-Channel VIS to NIR Spectral_ID 3-Sensor Chipset with Electronic Shutter
logo
SparkFun Electronics
SEN-14351 SPARKFUN-SEN-14351 Datasheet
203Kb / 3P
SparkFun Spectral Sensor Breakout - AS7263 NIR (Qwiic)
10??3??7
logo
ams AG
AS7421 AMSCO-AS7421 Datasheet
2Mb / 53P
64-Channel Hyperspectral NIR Sensor
v1-00 / 2022-Aug-25
MIRA130 AMSCO-MIRA130 Datasheet
1Mb / 53P
1.3 MP NIR Enhanced Global Shutter CMOS Image Sensor
v5-00 2022-Apr-05
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com