Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH7050A Datasheet (PDF) - OSRAM GmbH

SFH7050A Datasheet PDF - OSRAM GmbH
Part # SFH7050A
Download  SFH7050A Download
File Size   2370.16 Kbytes
Page   28 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description BIOFY® Biomonitoring Sensor

SFH7050A Datasheet (PDF)

Go To PDF Page Download Datasheet
SFH7050A Datasheet PDF - OSRAM GmbH

Part # SFH7050A
Download  SFH7050A Click to download

File Size   2370.16 Kbytes
Page   28 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description BIOFY® Biomonitoring Sensor

SFH7050A Datasheet (HTML) - OSRAM GmbH


SFH7050A Product details

Features
- ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)
- Multi chip package featuring 3 emitters and one detector
- Small package: (WxDxH) 4.7mm x 2.5 mm x 0.9 mm
- Light Barrier to block optical crosstalk





Similar Part No. - SFH7050A

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH7050 OSRAM-SFH7050 Datasheet
1Mb / 23P
BioMon Sensor
More results


Similar Description - SFH7050A

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH7070 OSRAM-SFH7070 Datasheet
760Kb / 16P
BIOFY Sensor
SFH7072 OSRAM-SFH7072 Datasheet
1Mb / 25P
BIOFY Sensor
logo
New Japan Radio
NJL5513R NJRC-NJL5513R Datasheet
767Kb / 19P
Biomonitoring Sensor with Red & IR & Two Green LEDs
Ver.1
logo
Banner Engineering Corp...
LTF12IC2LDQ BANNER-LTF12IC2LDQ Datasheet
3Mb / 47P
L-GAGE® LTF Time of Flight Laser Distance Sensor
19 February 2020
K50R BANNER-K50R Datasheet
605Kb / 6P
R-GAGE® K50R Radar Sensor
1 November 2022 Rev. D
logo
Renesas Technology Corp
LDS6200 RENESAS-LDS6200 Datasheet
778Kb / 36P
PureTouch®* Low Channel Capacitive Touch Sensor IC Family
2011
logo
List of Unclassifed Man...
SM312CV-V01 ETC-SM312CV-V01 Datasheet
1Mb / 14P
MINI-BEAM® DC Voltage Series Sensor
logo
Multi-Tech Systems, Inc...
86002269 MULTITECH-86002269 Datasheet
324Kb / 3P
LoRaWAN®Wireless Push Button Sensor
2023-05
logo
Lapp.
7038881 LAPP-7038881 Datasheet
67Kb / 1P
UNITRONIC® SENSOR Li9Y11Y 3x1 8x0,5
01.01.2019
22260127 LAPP-22260127 Datasheet
425Kb / 4P
EPIC® SENSOR M12
13.01.2016
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com