Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH7050A Datasheet(PDF) 4 Page - OSRAM GmbH

Part # SFH7050A
Description  BIOFY® Biomonitoring Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7050A Datasheet(HTML) 4 Page - OSRAM GmbH

  SFH7050A Datasheet HTML 1Page - OSRAM GmbH SFH7050A Datasheet HTML 2Page - OSRAM GmbH SFH7050A Datasheet HTML 3Page - OSRAM GmbH SFH7050A Datasheet HTML 4Page - OSRAM GmbH SFH7050A Datasheet HTML 5Page - OSRAM GmbH SFH7050A Datasheet HTML 6Page - OSRAM GmbH SFH7050A Datasheet HTML 7Page - OSRAM GmbH SFH7050A Datasheet HTML 8Page - OSRAM GmbH SFH7050A Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
SFH 7050A
DATASHEET
DATASHEET
4 | Version 1.1 | 2022-06-20
Pin configuration
Pin
Name
Function
1
Green
Green LED Cathode
2
Green
Green LED Anode
3
Red
Red LED Anode
4
PD
Photodiode Anode
5
PD
Photodiode Cathode
6
Red
Red LED Cathode
7
IR
IR LED Anode
8
IR
IR LED Cathode
Top View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com