Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF5ABCG Datasheet (PDF) - ML Accessories Limited. All rights reserved.

SF5ABCG Datasheet PDF - ML Accessories Limited.  All rights reserved.
Part # SF5ABCG
Download  SF5ABCG Download
File Size   297.14 Kbytes
Page   1 Pages
Manufacturer  KNIGHTSBRIDGE [ML Accessories Limited. All rights reserved.]
Direct Link  https://www.mlaccessories.co.uk/
Logo KNIGHTSBRIDGE - ML Accessories Limited.  All rights reserved.
Description 5A Unswitched Round Socket

SF5ABCG Datasheet (PDF)

Go To PDF Page Download Datasheet
SF5ABCG Datasheet PDF - ML Accessories Limited.  All rights reserved.

Part # SF5ABCG
Download  SF5ABCG Click to download

File Size   297.14 Kbytes
Page   1 Pages
Manufacturer  KNIGHTSBRIDGE [ML Accessories Limited. All rights reserved.]
Direct Link  https://www.mlaccessories.co.uk/
Logo KNIGHTSBRIDGE - ML Accessories Limited.  All rights reserved.
Description 5A Unswitched Round Socket

SF5ABCG Datasheet (HTML) - ML Accessories Limited. All rights reserved.


SF5ABCG Product details

DESCRIPTION
5A Unswitched Round Socket - Brushed Chrome with Grey
Insert




Similar Part No. - SF5ABCG

ManufacturerPart #DatasheetDescription
logo
ML Accessories Limited....
SF5ABC KNIGHTSBRIDGE-SF5ABC Datasheet
311Kb / 1P
5A Unswitched Socket - Brushed Chrome with Black Insert
02/04/2024
SF5ABCW KNIGHTSBRIDGE-SF5ABCW Datasheet
309Kb / 1P
5A Unswitched Socket - Brushed Chrome with White Insert
02/04/2024
More results


Similar Description - SF5ABCG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4975A STMICROELECTRONICS-L4975A Datasheet
359Kb / 21P
5A SWITCHING REGULATOR
Jun-2000
logo
Rohm
2SK2793 ROHM-2SK2793 Datasheet
141Kb / 4P
Switching (500V, 5A)
logo
Sanyo Semicon Device
SB50-09J SANYO-SB50-09J Datasheet
73Kb / 3P
90V, 5A Rectifier
logo
Rohm
2SK2713 ROHM-2SK2713 Datasheet
153Kb / 5P
Switching (450V, 5A)
logo
Vicor Corporation
03144 VICOR-03144 Datasheet
52Kb / 1P
SOCKET, FUSE, PCB, 5A, 125VAC
logo
SUYIN USA, INC.
030101FR SUYIN-USA-030101FR Datasheet
125Kb / 1P
MINI DIN SOCKET ROUND SHELL DIP TYPE
logo
Teledyne Technologies I...
603-1 TELEDYNE-603-1 Datasheet
518Kb / 3P
2A and 5A/50Vdc and 5A/250 Vdc
logo
New Jersey Semi-Conduct...
AA100 NJSEMI-AA100 Datasheet
145Kb / 2P
SCRs .5A, Planar
logo
Shindengen Electric Mfg...
KC5FB60HR SHINDENGEN-KC5FB60HR Datasheet
1Mb / 7P
Thyristors 600V, 5A
logo
WECO ELECTRICAL CONNECT...
4005-A WECO-4005-A Datasheet
135Kb / 1P
Socket terminal round version
12.19
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com