Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF5ABCG Datasheet(PDF) 1 Page - ML Accessories Limited. All rights reserved.

Part # SF5ABCG
Description  5A Unswitched Round Socket
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNIGHTSBRIDGE [ML Accessories Limited. All rights reserved.]
Direct Link  https://www.mlaccessories.co.uk/
Logo KNIGHTSBRIDGE - ML Accessories Limited.  All rights reserved.

SF5ABCG Datasheet(HTML) 1 Page - ML Accessories Limited. All rights reserved.

  SF5ABCG Datasheet HTML 1Page - ML Accessories Limited.  All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ML Accessories Ltd. reserves the right to withdraw, improve, or modify any design without prior notification.
ML Accessories Ltd. cannot be held responsible for the incorrect application of any product.
DATASHEET
MLA PART CODE
SF5ABCG
DESCRIPTION
5A Unswitched Round Socket - Brushed Chrome with Grey
Insert
NET WEIGHT (KG)
0.13
FINISH
Brushed Chrome
INSERT COLOUR
Grey
DIMENSIONS (MM)
Height - 87.5
Width - 87.5
Projection - 4.3
MINIMUM MOUNTING BOX DEPTH
25mm
CONSTRUCTION
Construction - Premium grade steel
CLASS
I
IP RATING
IP20
INPUT VOLTAGE
230V 50Hz
EARTH TERMINAL
Yes
LOAD/MAX. LOAD
5A
TERMINAL CAPACITY
2 x 1.0mm² or 2 x 1.5mm²
WARRANTY
25year(s)
MANUFACTURED IN ACCORDANCE WITH
BS 546
ORIGIN OF MANUFACTURE
China
DECLARATION OF CONFORMITY (HELD ON FILE)
Yes
EAN
5055832952190
Date Created: 02/04/2024 01:44
www.mlaccessories.co.uk
SF5ABCG
5A Unswitched Round Socket - Brushed Chrome
with Grey Insert


Similar Part No. - SF5ABCG

ManufacturerPart #DatasheetDescription
logo
ML Accessories Limited....
SF5ABC KNIGHTSBRIDGE-SF5ABC Datasheet
311Kb / 1P
5A Unswitched Socket - Brushed Chrome with Black Insert
02/04/2024
SF5ABCW KNIGHTSBRIDGE-SF5ABCW Datasheet
309Kb / 1P
5A Unswitched Socket - Brushed Chrome with White Insert
02/04/2024
More results

Similar Description - SF5ABCG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4975A STMICROELECTRONICS-L4975A Datasheet
359Kb / 21P
5A SWITCHING REGULATOR
Jun-2000
logo
Rohm
2SK2793 ROHM-2SK2793 Datasheet
141Kb / 4P
Switching (500V, 5A)
logo
Sanyo Semicon Device
SB50-09J SANYO-SB50-09J Datasheet
73Kb / 3P
90V, 5A Rectifier
logo
Rohm
2SK2713 ROHM-2SK2713 Datasheet
153Kb / 5P
Switching (450V, 5A)
logo
Vicor Corporation
03144 VICOR-03144 Datasheet
52Kb / 1P
SOCKET, FUSE, PCB, 5A, 125VAC
logo
SUYIN USA, INC.
030101FR SUYIN-USA-030101FR Datasheet
125Kb / 1P
MINI DIN SOCKET ROUND SHELL DIP TYPE
logo
Teledyne Technologies I...
603-1 TELEDYNE-603-1 Datasheet
518Kb / 3P
2A and 5A/50Vdc and 5A/250 Vdc
logo
New Jersey Semi-Conduct...
AA100 NJSEMI-AA100 Datasheet
145Kb / 2P
SCRs .5A, Planar
logo
Shindengen Electric Mfg...
KC5FB60HR SHINDENGEN-KC5FB60HR Datasheet
1Mb / 7P
Thyristors 600V, 5A
logo
WECO ELECTRICAL CONNECT...
4005-A WECO-4005-A Datasheet
135Kb / 1P
Socket terminal round version
12.19
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com