Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD2772 Datasheet (PDF) - OSRAM GmbH

TMD2772 Datasheet PDF - OSRAM GmbH
Part # TMD2772
Download  TMD2772 Download
File Size   2027.01 Kbytes
Page   60 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Digital ALS and Proximity Module

TMD2772 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMD2772 Datasheet PDF - OSRAM GmbH

Part # TMD2772
Download  TMD2772 Click to download

File Size   2027.01 Kbytes
Page   60 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Digital ALS and Proximity Module

TMD2772 Datasheet (HTML) - OSRAM GmbH


TMD2772 Product details

Features
• Ambient light sensing, proximity detection, and IR LED
in a single module
• Ambient light sensing (ALS)
• Wide variety of programmable features which
enable 8,000,000:1 dynamic range with very high
sensitivity
• Proximity detection
• Calibrated and trimmed to provide consistent
reading
• Reduced proximity count variation (1)
• Programmable offset (1)
• Saturation indicator bit (1)
• Programmable driver for IR LED
• 16,000:1 dynamic range
• Maskable ALS and proximity interrupt
• Programmable upper and lower thresholds with
persistence filter
• Power management
• Programmable average power consumption
• Programmable wait time from 2.7 ms to > 8
seconds
• I²C fast mode compatible interface
• Data rates up to 400 kbit/s
• Input voltage levels compatible with VDD or 1.8V
bus
• 3.94 mm x 2.36 mm x 1.35 mm package
• Available with standard 25° (TMD2772) and wide 50°
(TMD2772WA)




Similar Part No. - TMD2772

ManufacturerPart #DatasheetDescription
logo
ams AG
TMD2772 AMSCO-TMD2772 Datasheet
1Mb / 35P
DIGITAL ALS and PROXIMITY MODULE
TMD2772 AMSCO-TMD2772 Datasheet
1Mb / 59P
Digital ALS and Proximity Module
logo
TEXAS ADVANCED OPTOELEC...
TMD27721 TAOS-TMD27721 Datasheet
1Mb / 35P
DIGITAL ALS and PROXIMITY MODULE
logo
ams AG
TMD27721 AMSCO-TMD27721 Datasheet
1Mb / 59P
Digital ALS and Proximity Module
TMD27721 AMSCO-TMD27721 Datasheet
1Mb / 35P
DIGITAL ALS and PROXIMITY MODULE
More results


Similar Description - TMD2772

ManufacturerPart #DatasheetDescription
logo
ams AG
TMD2771 AMSCO-TMD2771 Datasheet
1Mb / 33P
DIGITAL ALS and PROXIMITY MODULE
TMD2772 AMSCO-TMD2772 Datasheet
1Mb / 35P
DIGITAL ALS and PROXIMITY MODULE
logo
TEXAS ADVANCED OPTOELEC...
TMD27711 TAOS-TMD27711 Datasheet
1Mb / 33P
DIGITAL ALS and PROXIMITY MODULE
TMD27721 TAOS-TMD27721 Datasheet
1Mb / 35P
DIGITAL ALS and PROXIMITY MODULE
TMD27723 TAOS-TMD27723 Datasheet
1Mb / 35P
DIGITAL ALS and PROXIMITY MODULE
logo
ams AG
TMD2772WA AMSCO-TMD2772WA Datasheet
1Mb / 59P
Digital ALS and Proximity Module
TMD27722 AMSCO-TMD27722 Datasheet
1Mb / 35P
DIGITAL ALS and PROXIMITY MODULE
logo
STMicroelectronics
VL6180X STMICROELECTRONICS-VL6180X Datasheet
1Mb / 79P
Proximity and ambient light sensing (ALS) module
August 2014 Rev 6
logo
ams AG
TMD3725 AMSCO-TMD3725 Datasheet
1Mb / 55P
ALS, Color and Proximity Sensor Module
TMD2725 AMSCO-TMD2725_V01 Datasheet
1Mb / 50P
ALS, and Small Aperture Proximity Sensor Module
2018-Feb-23
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com