Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD2772 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # TMD2772
Description  Digital ALS and Proximity Module
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD2772 Datasheet(HTML) 2 Page - OSRAM GmbH

  TMD2772 Datasheet HTML 1Page - OSRAM GmbH TMD2772 Datasheet HTML 2Page - OSRAM GmbH TMD2772 Datasheet HTML 3Page - OSRAM GmbH TMD2772 Datasheet HTML 4Page - OSRAM GmbH TMD2772 Datasheet HTML 5Page - OSRAM GmbH TMD2772 Datasheet HTML 6Page - OSRAM GmbH TMD2772 Datasheet HTML 7Page - OSRAM GmbH TMD2772 Datasheet HTML 8Page - OSRAM GmbH TMD2772 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 60 page
background image
ams Datasheet
Page 1
[v1-21] 2016-Feb-16
Document Feedback
TMD2772/
TMD2772WA
Digital ALS and Proximity Module
The TMD2772/TMD2772WA family of devices provides digital
ambient light sensing (ALS), a complete proximity detection
system, and digital interface logic in a single 8-pin surface
mount module. The devices are register-set and pin-compatible
with the TMD2771 family of devices and include new and
improved ALS and proximity detection features and are
available with 25° and 50° fields of view. The ALS enhancements
include a reduced-gain mode that extends the operating range
in sunlight. Proximity detection includes improved
signal-to-noise performance and more accurate factory
calibration. A proximity offset register allows compensation for
optical system crosstalk between the IR LED and the sensor. To
prevent false proximity data measurement readings, a
proximity saturation indicator bit signals that the internal
analog circuitry has reached saturation.
The TMD2772/TMD2772WA ALS is based on the ams patented
dual-diode technology that enables accurate results and
approximates human eye response to light intensity under a
variety of lighting conditions. The proximity detection system
includes an LED driver and an IR LED, which are factory trimmed
to eliminate the need for end-equipment calibration due to
component variations.
Ordering Information and Content Guide appear at end of
datasheet.
Key Benefits & Features
The benefits and features of TMD2772/TMD2772WA, Digital ALS
and Proximity Module are listed below:
Figure 1:
Added Value of Using TMD2772/TMD2772WA
Benefits
Features
• Minimizes board space requirements
• Ambient light sensing, proximity detection, and IR LED
in a single module
• Approximates human eye response over a
wide variety of lighting conditions. Achieves
accurate sensing behind spectrally dark glass.
• Ambient light sensing (ALS)
• Wide variety of programmable features which
enable 8,000,000:1 dynamic range with very high
sensitivity
General Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com