Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD2772 Datasheet(PDF) 40 Page - OSRAM GmbH

Part # TMD2772
Description  Digital ALS and Proximity Module
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD2772 Datasheet(HTML) 40 Page - OSRAM GmbH

Back Button TMD2772 Datasheet HTML 36Page - OSRAM GmbH TMD2772 Datasheet HTML 37Page - OSRAM GmbH TMD2772 Datasheet HTML 38Page - OSRAM GmbH TMD2772 Datasheet HTML 39Page - OSRAM GmbH TMD2772 Datasheet HTML 40Page - OSRAM GmbH TMD2772 Datasheet HTML 41Page - OSRAM GmbH TMD2772 Datasheet HTML 42Page - OSRAM GmbH TMD2772 Datasheet HTML 43Page - OSRAM GmbH TMD2772 Datasheet HTML 44Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 60 page
background image
ams Datasheet
Page 39
[v1-21] 2016-Feb-16
Document Feedback
TMD2772/ TMD2772WA − Register Description
Note(s):
1. LED STRENGTH values are nominal operating values. Specifications can be found in the Proximity Characteristics table.
Revision Register (0x11)
The Revision Register shows the silicon revision number. It is a
read-only register and shows the revision level of the silicon
used internally.
Figure 43:
Revision Register
AGAIN
1:0
ALS Gain
Field Value
ALS Gain Value
00
1X Gain
01
8X Gain
10
16X Gain
11
120X Gain
7
6
543
2
1
0
Reserved
DIE_REV
Field
Bits
Description (Reset value = Rev Num)
RESERVED
7:4
Reserved.
DIE_REV
3:0
Die revision number
Field
Bits
Description (Reset value = 0x00)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com