Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD2772 Datasheet(PDF) 21 Page - OSRAM GmbH

Part # TMD2772
Description  Digital ALS and Proximity Module
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD2772 Datasheet(HTML) 21 Page - OSRAM GmbH

Back Button TMD2772 Datasheet HTML 17Page - OSRAM GmbH TMD2772 Datasheet HTML 18Page - OSRAM GmbH TMD2772 Datasheet HTML 19Page - OSRAM GmbH TMD2772 Datasheet HTML 20Page - OSRAM GmbH TMD2772 Datasheet HTML 21Page - OSRAM GmbH TMD2772 Datasheet HTML 22Page - OSRAM GmbH TMD2772 Datasheet HTML 23Page - OSRAM GmbH TMD2772 Datasheet HTML 24Page - OSRAM GmbH TMD2772 Datasheet HTML 25Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
Page 20
ams Datasheet
Document Feedback
[v1-21] 2016-Feb-16
TMD2772/ TMD2772WA − Principles of Operation
Proximity Detection
Proximity detection is accomplished by measuring the amount
of IR energy, from the internal IR LED, reflected off an object to
determine its distance. The internal proximity IR LED is driven
by the integrated proximity LED current driver as shown in
Figure 24.The proximity detector will see light reflected from
the intended target as well as light reflected through any path.
Both surfaces of a transparent cover will reflect some of the IR
LEDs energy. An air gap of less the 0.5mm between the top of
the module and the cover is recommended. For a detailed
explanation of the of the effects of an air gap see ams
application note; Application Note DN58: Proximity Detection
Behind Glass for a detailed discussion of optical design
considerations.
Figure 24:
Proximity Detection
The LED current driver, output on the LDR terminal, provides a
regulated current sink that eliminates the need for an external
current limiting resistor. The combination of proximity LED
drive strength (PDRIVE) and proximity drive level (PDL)
determine the drive current. PDRIVE sets the drive current to
100%, 50%, 25%, or 12.5% when PDL is not asserted. However,
when PDL is asserted, the drive current is reduced by a factor
of 9.
Referring to the Detailed State Machine figure, the LED current
driver pulses the IR LED as shown in Figure 25 during the Prox
Accum state. Figure 25 also illustrates that the LED On pulse has
a fixed width of 7.3μs and period of 16.0μs. So, in addition to
setting the proximity drive current, 1 to 255 proximity pulses
(PPULSE) can be programmed. When deciding on the number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com