Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD3725 Datasheet (PDF) - OSRAM GmbH

TMD3725 Datasheet PDF - OSRAM GmbH
Part # TMD3725
Download  TMD3725 Download
File Size   2018.24 Kbytes
Page   56 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description ALS, Color and Proximity Sensor Module

TMD3725 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMD3725 Datasheet PDF - OSRAM GmbH

Part # TMD3725
Download  TMD3725 Click to download

File Size   2018.24 Kbytes
Page   56 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description ALS, Color and Proximity Sensor Module

TMD3725 Datasheet (HTML) - OSRAM GmbH


TMD3725 Product details

Features
• 1.0mm spacing between proximity IR LED and sensor
• Small footprint and low-profile package
(3.65mm x 2.00mm x 1.00mm)
• UV / IR blocking filters
• 46° Average FOV
• Photopic ambient light sensing (ALS)
• Programmable gain and integration time
• Color (RGB), Ambient Light and Proximity Sensing
with integrated IR LED
• Power management features
(active, idle and sleep states)
• 1.8V power supply with 1.8V I²C bus




Similar Part No. - TMD3725

ManufacturerPart #DatasheetDescription
logo
ams AG
TMD3725 AMSCO-TMD3725 Datasheet
1Mb / 55P
ALS, Color and Proximity Sensor Module
More results


Similar Description - TMD3725

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
TMD27711 TAOS-TMD27711 Datasheet
1Mb / 33P
DIGITAL ALS and PROXIMITY MODULE
TMD27721 TAOS-TMD27721 Datasheet
1Mb / 35P
DIGITAL ALS and PROXIMITY MODULE
logo
ams AG
TMG3992 AMSCO-TMG3992 Datasheet
3Mb / 95P
Gesture, Color, ALS, and Proximity Sensor Module with mobeam Barcode Emulation
TMG3993 AMSCO-TMG3993 Datasheet
2Mb / 95P
Gesture, Color, ALS, and Proximity Sensor Module with mobeam Barcode Emulation
TMD3725 AMSCO-TMD3725 Datasheet
1Mb / 55P
ALS, Color and Proximity Sensor Module
TMD2725 AMSCO-TMD2725_V01 Datasheet
1Mb / 50P
ALS, and Small Aperture Proximity Sensor Module
2018-Feb-23
TCS3430 AMSCO-TCS3430_V01 Datasheet
530Kb / 37P
Color and ALS Sensor
2020-Jul-28
TMD3702VC AMSCO-TMD3702VC Datasheet
1Mb / 57P
Narrow ALS, Color and Proximity Sensor Module
v2-00 2023-Mar-14
TMD3721 AMSCO-TMD3721 Datasheet
2Mb / 89P
ALS/Color and Proximity Sensor Module for Behind OLED Applications
v3-00 2023-May-26
TMD3719 AMSCO-TMD3719 Datasheet
1Mb / 95P
ALS/Color and Proximity Sensor
v2-00 2023-Jan-12
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com