Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD3725 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # TMD3725
Description  ALS, Color and Proximity Sensor Module
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD3725 Datasheet(HTML) 2 Page - OSRAM GmbH

  TMD3725 Datasheet HTML 1Page - OSRAM GmbH TMD3725 Datasheet HTML 2Page - OSRAM GmbH TMD3725 Datasheet HTML 3Page - OSRAM GmbH TMD3725 Datasheet HTML 4Page - OSRAM GmbH TMD3725 Datasheet HTML 5Page - OSRAM GmbH TMD3725 Datasheet HTML 6Page - OSRAM GmbH TMD3725 Datasheet HTML 7Page - OSRAM GmbH TMD3725 Datasheet HTML 8Page - OSRAM GmbH TMD3725 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 56 page
background image
Datasheet, Public
Page 1
[v2-00] 2023-Mar-21
Document Feedback
TMD3725
ALS, Color and Proximity Sensor
Module
The device features advanced proximity measurement, color
sense (RGBC+IR), and digital ambient light sensing (ALS). The
package has been designed to accommodate a “single hole”
aperture approach. The slim module incorporates an IR LED and
factory calibrated LED driver. The proximity detection feature
provides object detection (e.g. mobile device screen to user’s
ear) by photodiode detection of reflected IR energy (sourced
by the integrated LED). Detect/release events are interrupt
driven, and occur when proximity result crosses upper and/or
lower threshold settings. The proximity engine features offset
adjustment registers to compensate for unwanted IR energy
reflection at the sensor. Proximity results are further improved
by automatic ambient light subtraction. The ALS detection
feature provides photopic light intensity data. The color
photodiodes have UV and IR blocking filters and a dedicated
data converters producing 16-bit data. This architecture allows
applications to accurately measure ambient light which
enables devices to calculate illuminance and color temperature
to control display backlight and chromaticity.
Ordering Information and Content Guide appear at end of
datasheet.
Key Benefits & Features
The benefits and features of TMD3725, ALS, Color and Proximity
Sensor Module are listed below:
Figure 1:
Added Value of Using TMD3725
Benefits
Features
• Single glass aperture solution
• 1.0mm spacing between proximity IR LED and sensor
• Reduced board space requirements and
enables low-profile system design
• Small footprint and low-profile package
(3.65mm x 2.00mm x 1.00mm)
• Accurate color temperature and ambient light
sensing
• UV / IR blocking filters
• 46° Average FOV
• Photopic ambient light sensing (ALS)
• Programmable gain and integration time
• Compact integrated optical module
• Color (RGB), Ambient Light and Proximity Sensing
with integrated IR LED
• Reduced power consumption
• Power management features
(active, idle and sleep states)
• 1.8V power supply with 1.8V I²C bus
General Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com