Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD3725 Datasheet(PDF) 31 Page - OSRAM GmbH

Part # TMD3725
Description  ALS, Color and Proximity Sensor Module
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD3725 Datasheet(HTML) 31 Page - OSRAM GmbH

Back Button TMD3725 Datasheet HTML 27Page - OSRAM GmbH TMD3725 Datasheet HTML 28Page - OSRAM GmbH TMD3725 Datasheet HTML 29Page - OSRAM GmbH TMD3725 Datasheet HTML 30Page - OSRAM GmbH TMD3725 Datasheet HTML 31Page - OSRAM GmbH TMD3725 Datasheet HTML 32Page - OSRAM GmbH TMD3725 Datasheet HTML 33Page - OSRAM GmbH TMD3725 Datasheet HTML 34Page - OSRAM GmbH TMD3725 Datasheet HTML 35Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 56 page
background image
Page 30
Datasheet, Public
Document Feedback
[v2-00] 2023-Mar-21
TMD3725 − Register Description
ID Register (Address 0x92)
Figure 36:
ID Register
Status Register (Address 0x93)
Figure 37:
Status Register
All flags in this register can be cleared by setting the bit high.
Alternatively, if the CFG3.int_read_clear bit is set, then simply
reading this register automatically clears all eight flags.
Addr: 0x92
ID
Bit
Bit Name
Default
Access
Bit Description
7:2
ID
111001
RO
Device type identification.
1:0
Reserved
00
RO
Reserved
Addr: 0x93
Status Register
Bit
Bit Name
Default
Access
Bit Description
7
ASAT
0
R, SC
The Analog Saturation flag signals that the ALS/Color
results may be unreliable due to saturation of the AFE.
6
PSAT
0
R, SC
The Proximity Saturation flag indicates that an ambient-
or reflective-saturation event occurred during a
previous proximity cycle.
5PINT
0
R, SC
The Proximity Interrupt flag indicates that proximity
results have exceeded thresholds and persistence
settings.
4AINT
0
R, SC
The ALS Interrupt flag indicates that ALS/Color results
(clear channel) have exceeded thresholds and
persistence settings.
3CINT
0
R, SC
The Calibration Interrupt flag indicates that calibration
has completed.
2
Reserved
0
R, SC
Reserved
1
PSAT_REFLECTIVE
0
R, SC
The Reflective Proximity Saturation Interrupt flag
signals that the AFE has saturated during the IR LED
active portion of proximity integration.
0
PSAT_AMBIENT
0
R, SC
The Ambient Proximity Saturation Interrupt flag signals
that the AFE has saturated during the IR LED inactive
portion of proximity integration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com