Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD3725 Datasheet(PDF) 34 Page - OSRAM GmbH

Part # TMD3725
Description  ALS, Color and Proximity Sensor Module
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD3725 Datasheet(HTML) 34 Page - OSRAM GmbH

Back Button TMD3725 Datasheet HTML 30Page - OSRAM GmbH TMD3725 Datasheet HTML 31Page - OSRAM GmbH TMD3725 Datasheet HTML 32Page - OSRAM GmbH TMD3725 Datasheet HTML 33Page - OSRAM GmbH TMD3725 Datasheet HTML 34Page - OSRAM GmbH TMD3725 Datasheet HTML 35Page - OSRAM GmbH TMD3725 Datasheet HTML 36Page - OSRAM GmbH TMD3725 Datasheet HTML 37Page - OSRAM GmbH TMD3725 Datasheet HTML 38Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 56 page
background image
Datasheet, Public
Page 33
[v2-00] 2023-Mar-21
Document Feedback
TMD3725 − Register Description
PDATA Register (Address 0x9C)
Figure 46:
PDATA Register
REVID2 Register (Address 0x9E)
Figure 47:
REVID2 Register
CFG2 Register (Address 0x9F)
Figure 48:
CFG2 Register
The ALS gain can be adjusted using by setting the two AGAIN
bits as well as the AGAINMAX and AGAINL bits which yields an
overall range from ½ x to 128x.
Addr: 0x9C
PDATA
Bit
Bit Name
Default
Access
Bit Description
7:0
PDATA
0x00
RO
This register contains the 8-bit proximity channel data.
Addr: 0x9E
REVID2
Bit
Bit Name
Default
Access
Description
7:4
Reserved
0000
RO
Reserved.
3:0
REVID2
0000
RO
Package Identification.
Addr: 0x9F
CFG2
Bit
Bit Name
Default
Access
Bit Description
7:5
Reserved
000
RW
Reserved.
4AGAINMAX
0
RW
This bit adjusts the overall ALS gain factor.
See Figure 49 for recommended settings and
corresponding overall ALS gain factor.
3
Reserved
0
RW
Reserved.
2AGAINL
1
RW
This bit adjusts the overall ALS gain factor.
See Figure 49 for recommended settings and
corresponding overall ALS gain factor.
1:0
Reserved
00
RW
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com