Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD3725 Datasheet(PDF) 21 Page - OSRAM GmbH

Part # TMD3725
Description  ALS, Color and Proximity Sensor Module
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD3725 Datasheet(HTML) 21 Page - OSRAM GmbH

Back Button TMD3725 Datasheet HTML 17Page - OSRAM GmbH TMD3725 Datasheet HTML 18Page - OSRAM GmbH TMD3725 Datasheet HTML 19Page - OSRAM GmbH TMD3725 Datasheet HTML 20Page - OSRAM GmbH TMD3725 Datasheet HTML 21Page - OSRAM GmbH TMD3725 Datasheet HTML 22Page - OSRAM GmbH TMD3725 Datasheet HTML 23Page - OSRAM GmbH TMD3725 Datasheet HTML 24Page - OSRAM GmbH TMD3725 Datasheet HTML 25Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
Page 20
Datasheet, Public
Document Feedback
[v2-00] 2023-Mar-21
TMD3725 − Register Description
ATIME Register (Address 0x81)
Figure 21:
ATIME Register
The ATIME register controls the integration time of the ALS
ADCs. The timer is implemented with a down counter with 0x00
as the terminal count. The timer is clocked at a 2.8ms nominal
rate. Loading 0x00 will generate a 2.8ms integration time,
loading 0x01 will generate a 5.6ms integration time, and so
forth. The RC oscillator runs at 8MHz nominal rate. This gets
divided by 11 to generate the integration clock of 727kHz. One
count in ATIME (nominal 2.8ms) are 2.78ms. This is 2048
integration clock cycles: 125ns*11*8*256=2.8ms.
PTIME Register (Address 0x82)
Figure 22:
PTIME Register
Addr: 0x81
ATIME
Bit
Bit Name
Default
Access
Bit Description
7:0
ATIME
0x00
RW
ALS/Color value that specifies the integration time in
2.78ms intervals. 0x00 indicates 2.8ms. The maximum
ALS value depends on the integration time. For every
2.78ms, the maximum value increases by 1024. This
means that to be able to reach ALS full scale, the
integration time has to be at least 64*2.8ms.
Value
Integration
Cycles
Integration
Time
Maximum
ALS Value
0x00
1
2.8ms
1023
0x01
2
5.6ms
2047
……
…
…
0x3F
64
180ms
65535
……
…
…
0xFF
256
719ms
65535
Addr: 0x82
PRATE
Bit
Bit Name
Default
Access
Bit Description
7:0
PTIME
0x1F
RW
This register defines the duration of 1 Prox Sample,
which is (PTIME + 1)*88μs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com