Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD3725 Datasheet(PDF) 38 Page - OSRAM GmbH

Part # TMD3725
Description  ALS, Color and Proximity Sensor Module
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD3725 Datasheet(HTML) 38 Page - OSRAM GmbH

Back Button TMD3725 Datasheet HTML 34Page - OSRAM GmbH TMD3725 Datasheet HTML 35Page - OSRAM GmbH TMD3725 Datasheet HTML 36Page - OSRAM GmbH TMD3725 Datasheet HTML 37Page - OSRAM GmbH TMD3725 Datasheet HTML 38Page - OSRAM GmbH TMD3725 Datasheet HTML 39Page - OSRAM GmbH TMD3725 Datasheet HTML 40Page - OSRAM GmbH TMD3725 Datasheet HTML 41Page - OSRAM GmbH TMD3725 Datasheet HTML 42Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 56 page
background image
Datasheet, Public
Page 37
[v2-00] 2023-Mar-21
Document Feedback
TMD3725 − Register Description
AZ_CONFIG Register (Address 0xD6)
Figure 53:
AZ_CONFIG Register
Addr: 0xD6
AZ_CONFIG
Bit
Bit Name
Default
Access
Description
7
Reserved
0
RW
Reserved.
6:0
AZ_NTH_ITERATION
1111111
RW
Run autozero automatically before every nth ALS
cycle (00h = never, n = every nth ALS cycle,
and 7Fh = only before the first ALS cycle).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com