Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD3725 Datasheet(PDF) 46 Page - OSRAM GmbH

Part # TMD3725
Description  ALS, Color and Proximity Sensor Module
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD3725 Datasheet(HTML) 46 Page - OSRAM GmbH

Back Button TMD3725 Datasheet HTML 42Page - OSRAM GmbH TMD3725 Datasheet HTML 43Page - OSRAM GmbH TMD3725 Datasheet HTML 44Page - OSRAM GmbH TMD3725 Datasheet HTML 45Page - OSRAM GmbH TMD3725 Datasheet HTML 46Page - OSRAM GmbH TMD3725 Datasheet HTML 47Page - OSRAM GmbH TMD3725 Datasheet HTML 48Page - OSRAM GmbH TMD3725 Datasheet HTML 49Page - OSRAM GmbH TMD3725 Datasheet HTML 50Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 56 page
background image
Datasheet, Public
Page 45
[v2-00] 2023-Mar-21
Document Feedback
TMD3725 − Tape & Reel Information
Figure 62:
Tape and Reel Information
Note(s):
1. All linear dimensions are in millimeters.
2. For missing tolerances and dimensions, refer to EIA-481.
3. In accordance with EIA standard, device pin 1 is located next to the sprocket holes in the tape.
Tape & Reel Information
$$
ƒPD[
$  “

 “
[ 

“
 
“


“

 “
$
$
%
%
J
XQZLQGLQJGLUHFWLRQHPSW\
%%
“

Cover Tape:
Surface Resistance (Top Side) - 10^10 Ohms
Surface Resistance (Adhesive Side) - 10^8 Ohms
Carrier Tape:
Surface Resistance - 10^4 - 10^10 Ohms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com