Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMF8701-1XM Datasheet (PDF) - OSRAM GmbH

TMF8701-1XM Datasheet PDF - OSRAM GmbH
Part # TMF8701-1XM
Download  TMF8701-1XM Download
File Size   1846.19 Kbytes
Page   66 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Time-of-Flight Sensor

TMF8701-1XM Datasheet (PDF)

Go To PDF Page Download Datasheet
TMF8701-1XM Datasheet PDF - OSRAM GmbH

Part # TMF8701-1XM
Download  TMF8701-1XM Click to download

File Size   1846.19 Kbytes
Page   66 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Time-of-Flight Sensor

TMF8701-1XM Datasheet (HTML) - OSRAM GmbH


TMF8701-1XM Product details

Feature
• Small footprint fits in the mobile phone bezel
• Detecting central closest objects
• Within 5% of measurement (accuracy); no
multi-path and no multiple object problems as for
iToF
• Better accuracy detects reliably closest object
• Min. distance 1mm (black target)
• Max. distance 60cm
• No complex calibration
• Compensates for dirt on glass
• Improved accuracy over temperature and life
• Make better decisions
• Class 1 Eye Safe
• Longer battery life




Similar Part No. - TMF8701-1XM

ManufacturerPart #DatasheetDescription
logo
ams AG
TMF8701-1XM AMSCO-TMF8701-1XM Datasheet
1Mb / 66P
Time-of-Flight Sensor
v2-00 2023-Feb-21
More results


Similar Description - TMF8701-1XM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPT8241 TI-OPT8241_15 Datasheet
1Mb / 34P
OPT8241 3D Time-of-Flight Sensor
OPT8320 TI1-OPT8320 Datasheet
1Mb / 88P
OPT8320 3D Time-of-Flight Sensor
OPT8241 TI1-OPT8241 Datasheet
1Mb / 34P
3D Time-of-Flight Sensor
OPT8241 TI1-OPT8241_17 Datasheet
1Mb / 34P
3D Time-of-Flight Sensor
logo
Melexis Microelectronic...
MLX75023 MELEXIS-MLX75023 Datasheet
1Mb / 27P
Time-of-Flight Sensor Array
logo
Texas Instruments
OPT8320 TI-OPT8320_V01 Datasheet
563Kb / 12P
OPT8320 3D Time-of-Flight Sensor
logo
ams AG
TMF8801 AMSCO-TMF8801 Datasheet
218Kb / 2P
Time-of-Flight Sensor
2019-July-22
logo
Banner Engineering Corp...
ZMX BANNER-ZMX Datasheet
550Kb / 5P
ZMX Series 3D Time of Flight Sensor
9 February 2023
logo
ams AG
TMF8701 AMSCO-TMF8701 Datasheet
1Mb / 66P
Time-of-Flight Sensor
v2-00 2023-Feb-21
logo
List of Unclassifed Man...
TOF400F ETC-TOF400F Datasheet
4Mb / 13P
Time-of-Flight ranging Sensor-4M
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com