Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMF8801-1BM Datasheet (PDF) - OSRAM GmbH

TMF8801-1BM Datasheet PDF - OSRAM GmbH
Part # TMF8801-1BM
Download  TMF8801-1BM Download
File Size   1946.13 Kbytes
Page   73 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Time-of-Flight Sensor

TMF8801-1BM Datasheet (PDF)

Go To PDF Page Download Datasheet
TMF8801-1BM Datasheet PDF - OSRAM GmbH

Part # TMF8801-1BM
Download  TMF8801-1BM Click to download

File Size   1946.13 Kbytes
Page   73 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Time-of-Flight Sensor

TMF8801-1BM Datasheet (HTML) - OSRAM GmbH


TMF8801-1BM Product details

Features
Modular package - 2.2 mm x 3.6 mm x 1.0 mm
21ºFOI
Time-to-Digital Converter (TDC)
Direct Time-of-Flight Measurement
Single Photon Avalanche Photodiode (SPAD)
Histogram based architecture
Dynamic cover glass calibration
Reliable Operation under demanding use cases
Reference SPAD
Distance and signal quality reported
Fast VCSEL driver with protection
27 mA power consumption at 30 Hz operation
0.23 mA power consumption at 1 Hz
0.17 mA power consumption at 0.5 Hz
0.26 μA power-down current consumption (EN=0)




Similar Part No. - TMF8801-1BM

ManufacturerPart #DatasheetDescription
logo
ams AG
TMF8801 AMSCO-TMF8801 Datasheet
218Kb / 2P
Time-of-Flight Sensor
2019-July-22
More results


Similar Description - TMF8801-1BM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPT8241 TI-OPT8241_15 Datasheet
1Mb / 34P
OPT8241 3D Time-of-Flight Sensor
OPT8320 TI1-OPT8320 Datasheet
1Mb / 88P
OPT8320 3D Time-of-Flight Sensor
OPT8241 TI1-OPT8241 Datasheet
1Mb / 34P
3D Time-of-Flight Sensor
OPT8241 TI1-OPT8241_17 Datasheet
1Mb / 34P
3D Time-of-Flight Sensor
logo
Melexis Microelectronic...
MLX75023 MELEXIS-MLX75023 Datasheet
1Mb / 27P
Time-of-Flight Sensor Array
logo
Texas Instruments
OPT8320 TI-OPT8320_V01 Datasheet
563Kb / 12P
OPT8320 3D Time-of-Flight Sensor
logo
ams AG
TMF8801 AMSCO-TMF8801 Datasheet
218Kb / 2P
Time-of-Flight Sensor
2019-July-22
logo
Banner Engineering Corp...
ZMX BANNER-ZMX Datasheet
550Kb / 5P
ZMX Series 3D Time of Flight Sensor
9 February 2023
logo
ams AG
TMF8701 AMSCO-TMF8701 Datasheet
1Mb / 66P
Time-of-Flight Sensor
v2-00 2023-Feb-21
logo
List of Unclassifed Man...
TOF400F ETC-TOF400F Datasheet
4Mb / 13P
Time-of-Flight ranging Sensor-4M
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com