Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B9413 Datasheet (PDF) - EPCOS

B9413 Datasheet PDF - EPCOS
Part # B9413
Download  B9413 Download
File Size   91.96 Kbytes
Page   8 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW filter Bluetooth

B9413 Datasheet (PDF)

Go To PDF Page Download Datasheet
B9413 Datasheet PDF - EPCOS

Part # B9413
Download  B9413 Click to download

File Size   91.96 Kbytes
Page   8 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW filter Bluetooth

B9413 Datasheet (HTML) - EPCOS


B9413 Product details

Features
■ Package size 1.4 x1.1 x 0.4 mm3
■ Package code QCS5F
■ RoHS compatible
■ Approximate weight 0.003 g
■ Package for Surface Mount Technology (SMT)
■ Ni, gold-plated terminals
■ Electrostatic Sensitive Device (ESD)

Application
■ Low-loss RF filter for mobile telephone bluetooth systems
■ Impedance transformation from 50 Ω to 50 Ω
■ Unbalanced to unbalanced operation
■ Very low insertion attenuation
■ Low amplitude ripple
■ Usable passband 83.5 MHz




Similar Part No. - B9413

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
B941 PANASONIC-B941 Datasheet
47Kb / 2P
Silicon PNP epitaxial planar type(For low-frequency power amplification)
logo
EPCOS
B9410 EPCOS-B9410 Datasheet
102Kb / 8P
SAW filter 2441.75 MHz
B9410 EPCOS-B9410 Datasheet
80Kb / 8P
SAW filter for mobile communications
B9410 EPCOS-B9410_1 Datasheet
80Kb / 8P
SAW filter for mobile communications
B9411 EPCOS-B9411 Datasheet
78Kb / 8P
Low-Loss Filter for Mobile Communication
More results


Similar Description - B9413

ManufacturerPart #DatasheetDescription
logo
TEMEX
TMXW353 TEMEX-TMXW353 Datasheet
289Kb / 5P
SAW Bandpass Filter - Bluetooth - RF
logo
Oscilent Corporation
802-RF2441.8M-A OSCILENT-802-RF2441.8M-A Datasheet
290Kb / 3P
Bluetooth, RF SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA0223A TAI-SAW-TA0223A Datasheet
544Kb / 8P
SAW Filter 2441.8 MHz for Bluetooth
logo
EPCOS
B9447 EPCOS-B9447 Datasheet
97Kb / 8P
SAW filter Bluetooth
logo
TAI-SAW TECHNOLOGY CO.,...
TA0223B TAI-SAW-TA0223B Datasheet
412Kb / 9P
SAW Filter 2441.8 MHz for Bluetooth
logo
Golledge Electronics Lt...
MA05253 GOLLEDGE-MA05253 Datasheet
246Kb / 5P
SAW Filter 2441.8MHz for Bluetooth
logo
Transko Electronics, In...
TA2441AM TRANSKO-TA2441AM Datasheet
441Kb / 4P
Bluetooth, RF SAW Filter
Revision 0: August 2004
TA2441BM TRANSKO-TA2441BM Datasheet
459Kb / 4P
Bluetooth, RF SAW Filter
Revision 0: April 2012
TA2441CM TRANSKO-TA2441CM Datasheet
475Kb / 4P
Bluetooth, RF SAW Filter
Revision 0: May 2012
TF-244102-C23 TRANSKO-TF-244102-C23 Datasheet
552Kb / 4P
Bluetooth, RF SAW Filter
Revision 0: April 2013
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com