Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3D3521 Datasheet (PDF) - Data Delay Devices, Inc.

3D3521 Datasheet PDF - Data Delay Devices, Inc.
Part # 3D3521
Download  3D3521 Download
File Size   229.94 Kbytes
Page   4 Pages
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.
Description MONOLITHIC MANCHESTER ENCODER

3D3521 Datasheet (PDF)

Go To PDF Page Download Datasheet
3D3521 Datasheet PDF - Data Delay Devices, Inc.

Part # 3D3521
Download  3D3521 Click to download

File Size   229.94 Kbytes
Page   4 Pages
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.
Description MONOLITHIC MANCHESTER ENCODER

3D3521 Datasheet (HTML) - Data Delay Devices, Inc.


3D3521 Product details

FUNCTIONAL DESCRIPTION
The 3D3521 is a monolithic CMOS Manchester Encoder. The clock and data, present at the unit input, are combined into a single bi-phaselevel signal. In this encoding mode, a logic one is represented by a high-to-low transition within the bit cell, while a logic zero is represented by a low-to-high transition. The unit operating baud rate (in Mbaud) is equal to the input clock frequency (in MHZ). All pins marked N/C must be left unconnected.

FEATURES
• All-silicon, low-power CMOS technology
• 3.3V operation
• CMOS compatible inputs and outputs
• Vapor phase, IR and wave solderable
• Auto-insertable (DIP pkg.)
• Low ground bounce noise
• Maximum data rate: 50 MBaud




Similar Part No. - 3D3521

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
3D3522 DATADELAY-3D3522 Datasheet
257Kb / 4P
MONOLITHIC MANCHESTER DECODER
3D3522-0.5 DATADELAY-3D3522-0.5 Datasheet
257Kb / 4P
MONOLITHIC MANCHESTER DECODER
3D3522-1 DATADELAY-3D3522-1 Datasheet
257Kb / 4P
MONOLITHIC MANCHESTER DECODER
3D3522-10 DATADELAY-3D3522-10 Datasheet
257Kb / 4P
MONOLITHIC MANCHESTER DECODER
3D3522-20 DATADELAY-3D3522-20 Datasheet
257Kb / 4P
MONOLITHIC MANCHESTER DECODER
More results


Similar Description - 3D3521

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-15530 HOLTIC-HI-15530 Datasheet
312Kb / 11P
Manchester Encoder / Decoder
logo
Data Delay Devices, Inc...
3D7501 DATADELAY-3D7501 Datasheet
34Kb / 4P
MONOLITHIC MANCHESTER ENCODER
3D7503D-20 DATADELAY-3D7503D-20 Datasheet
47Kb / 5P
MONOLITHIC MANCHESTER ENCODER/DECODER
logo
Intersil Corporation
HD-6409883 INTERSIL-HD-6409883 Datasheet
135Kb / 7P
CMOS Manchester Encoder-Decoder
March 1997
logo
Data Delay Devices, Inc...
3D3523 DATADELAY-3D3523 Datasheet
292Kb / 5P
MONOLITHIC MANCHESTER ENCODER/DECODER
logo
Intersil Corporation
HD-15530 INTERSIL-HD-15530_02 Datasheet
281Kb / 13P
CMOS Manchester Encoder-Decoder
March 1997
logo
Data Delay Devices, Inc...
3D7523 DATADELAY-3D7523 Datasheet
292Kb / 5P
MONOLITHIC MANCHESTER ENCODER/DECODER
3D7521 DATADELAY-3D7521 Datasheet
229Kb / 4P
MONOLITHIC MANCHESTER ENCODER
logo
Diodes Incorporated
3D7503 DIODES-3D7503 Datasheet
316Kb / 5P
MONOLITHIC MANCHESTER ENCODER/DECODER
12/11/98
logo
Renesas Technology Corp
HD-6409 RENESAS-HD-6409 Datasheet
687Kb / 15P
CMOS Manchester Encoder-Decoder
More results




About Data Delay Devices, Inc.


Data Delay Devices, Inc. (DDD) was a semiconductor company that was founded in 1964 and based in Pennsylvania, USA. The company specialized in the design and manufacture of a range of semiconductor products, including digital delay lines, programmable timers, and other timing devices.

DDD's products were widely used in a variety of industries, including aerospace, defense, telecommunications, and industrial automation. The company was known for its high-quality and reliable products, which were often customized to meet the specific needs of its customers.

In 2006, Data Delay Devices, Inc. was acquired by Data Device Corporation (DDC), a leading supplier of high-reliability data communication and control solutions for the aerospace and defense industries. Today, DDD's products are still used by many customers in these industries, and the company's legacy of high-quality timing devices lives on through DDC's product offerings.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com