Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3D3521 Datasheet(PDF) 2 Page - Data Delay Devices, Inc.

Part # 3D3521
Description  MONOLITHIC MANCHESTER ENCODER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.

3D3521 Datasheet(HTML) 2 Page - Data Delay Devices, Inc.

  3D3521 Datasheet HTML 1Page - Data Delay Devices, Inc. 3D3521 Datasheet HTML 2Page - Data Delay Devices, Inc. 3D3521 Datasheet HTML 3Page - Data Delay Devices, Inc. 3D3521 Datasheet HTML 4Page - Data Delay Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3D3521
APPLICATION NOTES
The 3D3521 Manchester Encoder samples the
data input at the rising edge of the input clock.
The sampled data is used in conjunction with the
clock rising and falling edges to generate the by-
phase level Manchester code.
INPUT SIGNAL CHARACTERISTICS
The 3D3521 Manchester Encoder inputs are
CMOS compatible. The user should assure
himself that the 50% (of VDD) threshold is used
when referring to all timing, especially to the input
clock duty cycle.
CLOCK DUTY CYCLE ERRORS
The 3D3521 Manchester Encoder employs the
timing of the clock rising and falling edges (duty
cycle) to implement the required coding scheme.
To reduce the difference between the output data
high time and low time, it is essential that the
deviation of the input clock duty cycle from 50/50
be minimized.
OUTPUT SIGNAL CHARACTERISTICS
The 3D3521 presents at its outputs the true and
the complimented encoded data.
The High-to-Low time skew of the selected data
output should be budgeted by the user, as it
relates to his application, to satisfactorily
estimate the distortion of the transmitted data
stream.
Such an estimate is very useful in determining
the
functionality and margins of the data link, if a
3D3522 Manchester Decoder is used to decode
the received data.
POWER SUPPLY AND
TEMPERATURE CONSIDERATIONS
CMOS integrated circuitry is strongly dependent
on power supply and temperature. The
monolithic 3D3521 Manchester encoder utilizes
novel and innovative compensation circuitry to
minimize timing variations induced by fluctuations
in power supply and/or temperature.
RESET
(RESB)
CLOCK
(CIN)
DATA
(DIN)
TRANSMIT
(TX)
TRANSMIT
(TXB)
tDS
tDH
Figure 1: Timing Diagram
1/fC
10110010
10110010
Power-on reset (Left high for normal operation)
T2H
T2L
T1H
T1L
Doc #06004
DATA DELAY DEVICES, INC.
2
5/8/2006
Tel: 973-773-2299
Fax: 973-773-9672
http://www.datadelay.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com