Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3D7701 Datasheet (PDF) - Data Delay Devices, Inc.

3D7701 Datasheet PDF - Data Delay Devices, Inc.
Part # 3D7701
Download  3D7701 Download
File Size   221.3 Kbytes
Page   4 Pages
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.
Description MONOLITHIC GATED DELAY LINE OSCILLATOR

3D7701 Datasheet (PDF)

Go To PDF Page Download Datasheet
3D7701 Datasheet PDF - Data Delay Devices, Inc.

Part # 3D7701
Download  3D7701 Click to download

File Size   221.3 Kbytes
Page   4 Pages
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.
Description MONOLITHIC GATED DELAY LINE OSCILLATOR

3D7701 Datasheet (HTML) - Data Delay Devices, Inc.


3D7701 Product details

FUNCTIONAL DESCRIPTION
The 3D7701 Delay Line Oscillator product family consists of fixedfrequency CMOS integrated circuit oscillators. Each package contains a single oscillator, which is gated and can therefore be synchronized to an external signal. The device frequency can range from 0.3MHz through 100MHz. The 3D7701 has two outputs that are in phase when the oscillator is running, and can be used as a drop-in replacement for the DLO31F hybrid oscillator. The 3D7701 is TTL- and CMOS-compatible, capable of driving ten 74LS-type loads. It is offered in a standard 14-pin auto-insertable DIP and a space saving surface mount 8-pin SOIC package.

FEATURES
• All-silicon, low-power CMOS technology
• TTL/CMOS compatible inputs and outputs
• Vapor phase, IR and wave solderable
• Auto-insertable (DIP pkg.)
• Frequency range: 0.3MHz through 100MHz
• Frequency tolerance: 0.5% typical
• Temperature stability: ±1.5% typical (-40C to 85C)
• Vdd stability: ±0.5% typical (4.75V to 5.25V)
• 14-pin DIP available as drop-in replacements for hybrid delay line oscillator (DLO31F)




Similar Part No. - 3D7701

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
3D7702 DATADELAY-3D7702 Datasheet
241Kb / 5P
MONOLITHIC GATED DELAY LINE OSCILLATOR (SERIES 3D7702)
3D7702Z-EN DATADELAY-3D7702Z-EN Datasheet
241Kb / 5P
MONOLITHIC GATED DELAY LINE OSCILLATOR (SERIES 3D7702)
3D7702Z-GND DATADELAY-3D7702Z-GND Datasheet
241Kb / 5P
MONOLITHIC GATED DELAY LINE OSCILLATOR (SERIES 3D7702)
3D7702Z-NC DATADELAY-3D7702Z-NC Datasheet
241Kb / 5P
MONOLITHIC GATED DELAY LINE OSCILLATOR (SERIES 3D7702)
3D7702Z-O1 DATADELAY-3D7702Z-O1 Datasheet
241Kb / 5P
MONOLITHIC GATED DELAY LINE OSCILLATOR (SERIES 3D7702)
More results


Similar Description - 3D7701

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
3D7303 DATADELAY-3D7303 Datasheet
39Kb / 4P
MONOLITHIC TRIPLE FIXED DELAY LINE
DLO31F DATADELAY-DLO31F Datasheet
48Kb / 4P
TTL-INTERFACED, GATED DELAY LINE OSCILLATOR (SERIES DLO31F)
DLO32F DATADELAY-DLO32F Datasheet
48Kb / 4P
TTL-INTERFACED, GATED DELAY LINE OSCILLATOR
DLO-34F DATADELAY-DLO-34F Datasheet
120Kb / 1P
GATED-DELAY LINE OSCILLATOR
DLO-36F DATADELAY-DLO-36F Datasheet
112Kb / 1P
GATED-DELAY LINE OSCILLATOR
DLO-50 DATADELAY-DLO-50 Datasheet
111Kb / 1P
GATED-DELAY LINE OSCILLATOR
3D3701 DATADELAY-3D3701 Datasheet
221Kb / 4P
MONOLITHIC GATED DELAY LINE OSCILLATOR
3D7323 DATADELAY-3D7323 Datasheet
256Kb / 4P
MONOLITHIC TRIPLE FIXED DELAY LINE
3D7702 DATADELAY-3D7702 Datasheet
241Kb / 5P
MONOLITHIC GATED DELAY LINE OSCILLATOR (SERIES 3D7702)
3D3702 DATADELAY-3D3702 Datasheet
240Kb / 4P
MONOLITHIC GATED DELAY LINE OSCILLATOR (SERIES 3D3702)
More results




About Data Delay Devices, Inc.


Data Delay Devices, Inc. (DDD) was a semiconductor company that was founded in 1964 and based in Pennsylvania, USA. The company specialized in the design and manufacture of a range of semiconductor products, including digital delay lines, programmable timers, and other timing devices.

DDD's products were widely used in a variety of industries, including aerospace, defense, telecommunications, and industrial automation. The company was known for its high-quality and reliable products, which were often customized to meet the specific needs of its customers.

In 2006, Data Delay Devices, Inc. was acquired by Data Device Corporation (DDC), a leading supplier of high-reliability data communication and control solutions for the aerospace and defense industries. Today, DDD's products are still used by many customers in these industries, and the company's legacy of high-quality timing devices lives on through DDC's product offerings.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com