Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N5820-G Datasheet (PDF) - Comchip Technology

1N5820-G Datasheet PDF - Comchip Technology
Part # 1N5820-G
Download  1N5820-G Download
File Size   69.39 Kbytes
Page   2 Pages
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology
Description Schottky Barrier Rectifier

1N5820-G Datasheet (PDF)

Go To PDF Page Download Datasheet
1N5820-G Datasheet PDF - Comchip Technology

Part # 1N5820-G
Download  1N5820-G Click to download

File Size   69.39 Kbytes
Page   2 Pages
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology
Description Schottky Barrier Rectifier

1N5820-G Datasheet (HTML) - Comchip Technology


1N5820-G Product details

Forward Current: 3.0A Reverse Voltage: 20 to 40V
RoHS Device

Features
- Fast switching.
- Low forward voltage, high current capability.
- Low power loss, high efficiency.
- High current surge capability.
- High temperature soldering guaranteed: 250°C/10  seconds, 0.375”(9.5mm) lead length at 5lbs.  (2.3kg) tension.




Similar Part No. - 1N5820-G

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
1N5820-3A-DO-27 DGNJDZ-1N5820-3A-DO-27 Datasheet
191Kb / 2P
3.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Sangdest Microelectroni...
1N5820-5822 SMC-1N5820-5822 Datasheet
225Kb / 4P
3.0 SCHOTTKY BARRIER RECTIFIER
logo
Micro Commercial Compon...
1N5820-AP MCC-1N5820-AP Datasheet
489Kb / 4P
3 Amp Schottky Barrier Rectifier 20 - 40 Volts
logo
Diodes Incorporated
1N5820-B DIODES-1N5820-B Datasheet
61Kb / 2P
3.0A SCHOTTKY BARRIER RECTIFIERS
DS23003 Rev. 8 - 2
1N5820-B DIODES-1N5820-B Datasheet
56Kb / 3P
3.0A SCHOTTKY BARRIER RECTIFIERS
DS23003 Rev. 9 - 2
More results


Similar Description - 1N5820-G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
More results




About Comchip Technology


Comchip Technology is a global manufacturer of high-quality discrete semiconductors and passive components. The company was founded in 1987 and is headquartered in Taiwan.

Comchip Technology offers a wide range of products, including diodes, rectifiers, bridge rectifiers, transient voltage suppressors, and zener diodes. The company also produces a variety of passive components, such as ceramic capacitors, tantalum capacitors, and inductors.

Comchip Technology has a strong focus on research and development, and has developed a number of proprietary technologies that have helped to establish the company as a leader in its field. The company has also established strategic partnerships with other leading semiconductor manufacturers in order to further enhance its capabilities.

Comchip Technology's products are used in a variety of applications, including power management, consumer electronics, automotive, telecommunications, and industrial equipment. The company is committed to providing high-quality products and exceptional customer service, and is continuously improving its products and processes in order to better meet the needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com