Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8512 Datasheet (PDF) - OSRAM GmbH

AS8512 Datasheet PDF - OSRAM GmbH
Part # AS8512
Download  AS8512 Download
File Size   374.03 Kbytes
Page   9 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Battery pack current, voltage and temperature sensor

AS8512 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS8512 Datasheet PDF - OSRAM GmbH

Part # AS8512
Download  AS8512 Click to download

File Size   374.03 Kbytes
Page   9 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Battery pack current, voltage and temperature sensor

AS8512 Datasheet (HTML) - OSRAM GmbH


AS8512 Product details

Features
• 3.3V supply voltage
• Two high resolution 16-bit Σ−Δ A/D converters
• Programmable sampling to enable data throughputs
from less than 1Hz to 8kHz
• Zero offset for both channels




Similar Part No. - AS8512

ManufacturerPart #DatasheetDescription
logo
ams AG
AS8510 AMSCO-AS8510 Datasheet
1Mb / 46P
Data Acquisition Device for Battery Sensors
AS8510 AMSCO-AS8510 Datasheet
482Kb / 47P
Data Acquisition Device for Battery Sensors
AS8510-ASSM AMSCO-AS8510-ASSM Datasheet
482Kb / 47P
Data Acquisition Device for Battery Sensors
AS8510-ASSP AMSCO-AS8510-ASSP Datasheet
482Kb / 47P
Data Acquisition Device for Battery Sensors
AS8510 AMSCO-AS8510_10 Datasheet
482Kb / 47P
Data Acquisition Device for Battery Sensors
More results


Similar Description - AS8512

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LM334S8 LINER-LM334S8 Datasheet
110Kb / 2P
Constant Current Source and Temperature Sensor
LM134 LINER-LM134 Datasheet
156Kb / 12P
Constant Current Source and Temperature Sensor
LM134 LINER-LM134_15 Datasheet
166Kb / 12P
Constant Current Source and Temperature Sensor
LTC2943 LINER-LTC2943_15 Datasheet
260Kb / 20P
Multicell Battery Gas Gauge with Temperature, Voltage and Current Measurement
LTC2943 LINER-LTC2943 Datasheet
506Kb / 12P
Multicell Battery Gas Gauge with Temperature, Voltage and Current Measurement
logo
Beckhoff Automation Gmb...
C9900-U332-0010 BECKHOFF-C9900-U332-0010 Datasheet
103Kb / 2P
Battery pack
logo
Pepperl+Fuchs Inc.
EX-BPS02 PF-EX-BPS02 Datasheet
1Mb / 1P
Battery pack
logo
Texas Instruments
ADS131B26-Q1 TI1-ADS131B26-Q1_V01 Datasheet
3Mb / 249P
ADS131B26-Q1 Automotive High-Voltage Battery Pack Monitor With SPI and 6 ADC Channels for Voltage, Current, and Temperature Sensing
REVISED JULY 2023
ADS131B23-Q1 TI1-ADS131B23-Q1 Datasheet
3Mb / 230P
ADS131B23-Q1 Automotive, High-Voltage Battery Pack Monitor With SPI and 3 ADC Channels for Voltage, Current, and Temperature Sensing
JULY 2023
ADS131B24-Q1 TI1-ADS131B24-Q1 Datasheet
3Mb / 246P
ADS131B24-Q1 Automotive, High-Voltage Battery Pack Monitor With SPI and 4 ADC Channels for Voltage, Current, and Temperature Sensing
JULY 2023
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com