Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8512 Datasheet(PDF) 7 Page - OSRAM GmbH

Part # AS8512
Description  Battery pack current, voltage and temperature sensor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS8512 Datasheet(HTML) 7 Page - OSRAM GmbH

  AS8512 Datasheet HTML 1Page - OSRAM GmbH AS8512 Datasheet HTML 2Page - OSRAM GmbH AS8512 Datasheet HTML 3Page - OSRAM GmbH AS8512 Datasheet HTML 4Page - OSRAM GmbH AS8512 Datasheet HTML 5Page - OSRAM GmbH AS8512 Datasheet HTML 6Page - OSRAM GmbH AS8512 Datasheet HTML 7Page - OSRAM GmbH AS8512 Datasheet HTML 8Page - OSRAM GmbH AS8512 Datasheet HTML 9Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Short Datasheet ● PUBLIC ● Document Feedback
DS001088 ● v1-00 ● 2024-Jan-31
7 / 9
AS8512
Pin assignments
7ETR
Analog input
Voltage channel single ended input
8ETS
9
VBAT_IN
Battery voltage (high) input
10
VBAT_GND
Battery voltage (low) input
11
CS
Digital input with pull-up
Chip select with an internal pull-up resistor (SPI
Interface)
12
SCLK
Digital input
Clock signal (SPI Interface)
13
SDO
Digital output
Serial data input (SPI Interface)
14
DVSS
Supply pad
0V digital ground
15
DVDD
+3.3V digital supply
16
CHOP_CLK
Digital output
Chop clock used in High side measurements to
synchronize external chopper.
17
MEN
Digital output issued during the Standby Mode
(SBM) to signal the short duration of data sam-
pling. This signal is useful in the case of a High
Side Measurement application.
18
SDI
Digital input
Data signal (SPI Interface)
19
CLK
Digital I/O
By default this pin is the internal clock output which
can be used by a microcontroller. The internal
clock may also be disabled as an output by
programming Register 08. To use an external
Clock, Register 08 has to be programmed.
20
INT
Digital output
Active high Interrupt to indicate data is ready
Pin number
Pin name
Pin type
Description



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com