Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEAP1MS-RQRU-2 Datasheet (PDF) - OSRAM GmbH

LEAP1MS-RQRU-2 Datasheet PDF - OSRAM GmbH
Part # LEAP1MS-RQRU-2
Download  LEAP1MS-RQRU-2 Download
File Size   1774.41 Kbytes
Page   21 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description OSRAM OSTAR Projection Power is a high luminance LED for projection applications.

LEAP1MS-RQRU-2 Datasheet (PDF)

Go To PDF Page Download Datasheet
LEAP1MS-RQRU-2 Datasheet PDF - OSRAM GmbH

Part # LEAP1MS-RQRU-2
Download  LEAP1MS-RQRU-2 Click to download

File Size   1774.41 Kbytes
Page   21 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description OSRAM OSTAR Projection Power is a high luminance LED for projection applications.

LEAP1MS-RQRU-2 Datasheet (HTML) - OSRAM GmbH


LEAP1MS-RQRU-2 Product details

Features
- Package: OSTAR High Power Projection
- Chip technology: Thinfilm
- Typ. Radiation: 120° (Lambertian emitter)
- Color: λdom = 614 nm (● amber)
- ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)





Similar Part No. - LEAP1MS-RQRU-2

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LEAP1MQ OSRAM-LEAP1MQ Datasheet
3Mb / 21P
OSRAM OSTAR Projection Power is a high luminance LED for projection applications.
Version 1.5 2024-07-02
LEAP1MQ-SQST-W2 OSRAM-LEAP1MQ-SQST-W2 Datasheet
3Mb / 21P
OSRAM OSTAR Projection Power is a high luminance LED for projection applications.
Version 1.5 2024-07-02
LEAP1MR OSRAM-LEAP1MR Datasheet
3Mb / 21P
OSRAM OSTAR Projection Power is a high luminance LED for projection applications.
Version 1.1 2022-08-17
LEAP1MR-SSTQ-2 OSRAM-LEAP1MR-SSTQ-2 Datasheet
3Mb / 21P
OSRAM OSTAR Projection Power is a high luminance LED for projection applications.
Version 1.1 2022-08-17
More results


Similar Description - LEAP1MS-RQRU-2

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LCG_H9RM OSRAM-LCG_H9RM Datasheet
1Mb / 23P
OSRAM OSTAR Projection Cube is a new high flux LED for slim designs especially for Projection applications
LCGH9RN OSRAM-LCGH9RN Datasheet
1Mb / 23P
OSRAM OSTAR Projection Cube is a new high flux LED for slim designs especially for Projection applications
LETQ9WM OSRAM-LETQ9WM Datasheet
780Kb / 23P
OSRAM OSTAR Projection Compact
LECGP3W OSRAM-LECGP3W Datasheet
1Mb / 25P
OSRAM OSTAR Projection Power
LECGP3A01 OSRAM-LECGP3A01 Datasheet
929Kb / 22P
OSRAM OSTAR Projection Power
LEAP3W01 OSRAM-LEAP3W01 Datasheet
808Kb / 20P
OSRAM OSTAR Projection Power
LEAQ8WP OSRAM-LEAQ8WP Datasheet
811Kb / 23P
OSRAM OSTAR Projection Compact
LEAQ9WM OSRAM-LEAQ9WM Datasheet
734Kb / 22P
OSRAM OSTAR Projection Compact
logo
ams AG
LEAP2W AMSCO-LEAP2W Datasheet
2Mb / 21P
OSRAM OSTAR Projection Power is a high luminance LED for projection applications.
Version 1.12 2020-11-05
LEBP1MR AMSCO-LEBP1MR Datasheet
3Mb / 21P
OSRAM OSTAR Projection Power is a high luminance LED for projection applications.
Version 1.1 2022-08-17
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com