Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEAP1MS-RQRU-2 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # LEAP1MS-RQRU-2
Description  OSRAM OSTAR Projection Power is a high luminance LED for projection applications.
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEAP1MS-RQRU-2 Datasheet(HTML) 5 Page - OSRAM GmbH

  LEAP1MS-RQRU-2 Datasheet HTML 1Page - OSRAM GmbH LEAP1MS-RQRU-2 Datasheet HTML 2Page - OSRAM GmbH LEAP1MS-RQRU-2 Datasheet HTML 3Page - OSRAM GmbH LEAP1MS-RQRU-2 Datasheet HTML 4Page - OSRAM GmbH LEAP1MS-RQRU-2 Datasheet HTML 5Page - OSRAM GmbH LEAP1MS-RQRU-2 Datasheet HTML 6Page - OSRAM GmbH LEAP1MS-RQRU-2 Datasheet HTML 7Page - OSRAM GmbH LEAP1MS-RQRU-2 Datasheet HTML 8Page - OSRAM GmbH LEAP1MS-RQRU-2 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
LE A P1MS
DATASHEET
DATASHEET
5 | Version 0.1 | 2022-09-26
Brightness Groups
Group
Luminous Flux 1)
Luminous Flux 1)
I
F = 4000 mA
I
F = 4000 mA
min.
max.
Φ
V
Φ
V
RQ
1210 lm
1300 lm
RR
1300 lm
1400 lm
RS
1400 lm
1500 lm
RT
1500 lm
1640 lm
RU
1640 lm
1800 lm
Wavelength Groups
Group
Dominant Wavelength 3)
Dominant Wavelength 3)
min.
max.
λ
dom
λ
dom
2
612 nm
618 nm
Group Name on Label
Example: RQ-2
Brightness
Wavelength
RQ
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com