Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LGQ976.01 Datasheet (PDF) - OSRAM GmbH

LGQ976.01 Datasheet PDF - OSRAM GmbH
Part # LGQ976.01
Download  LGQ976.01 Download
File Size   1858.39 Kbytes
Page   24 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description The Chip LED 0603 is the product of choice for status indication in electronics.

LGQ976.01 Datasheet (PDF)

Go To PDF Page Download Datasheet
LGQ976.01 Datasheet PDF - OSRAM GmbH

Part # LGQ976.01
Download  LGQ976.01 Click to download

File Size   1858.39 Kbytes
Page   24 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description The Chip LED 0603 is the product of choice for status indication in electronics.

LGQ976.01 Datasheet (HTML) - OSRAM GmbH


LGQ976.01 Product details

Features
- Package: SMT package 0603, clear epoxy
- Chip technology: InGaAlP
- Typ. Radiation: 150°
- Color: λdom = 573 nm (● green)
- Corrosion Robustness Class: 2B
- ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM)





Similar Part No. - LGQ976.01

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LGQ971 SIEMENS-LGQ971 Datasheet
54Kb / 6P
CHIPLED
logo
OSRAM GmbH
LGQ971 OSRAM-LGQ971 Datasheet
463Kb / 13P
Lead (Pb) Free Product - RoHS Compliant
logo
Siemens Semiconductor G...
LGQ971-KO SIEMENS-LGQ971-KO Datasheet
54Kb / 6P
CHIPLED
More results


Similar Description - LGQ976.01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN871 STMICROELECTRONICS-AN871 Datasheet
149Kb / 13P
In power electronics the choice of the switch to be used is always very important
03-Jun-2004
logo
Murata Manufacturing Co...
NCP18WF104E03RB MURATA-NCP18WF104E03RB Datasheet
190Kb / 3P
lead is not contained in the product
NCP18XH103J03RB MURATA-NCP18XH103J03RB Datasheet
189Kb / 3P
lead is not contained in the product
NCP18XQ102E03RB MURATA-NCP18XQ102E03RB Datasheet
186Kb / 3P
lead is not contained in the product
NCP18XQ471E03RB MURATA-NCP18XQ471E03RB Datasheet
186Kb / 3P
lead is not contained in the product
NCP18XW153E03RB MURATA-NCP18XW153E03RB Datasheet
186Kb / 3P
lead is not contained in the product
NCP18XW153J03RB MURATA-NCP18XW153J03RB Datasheet
191Kb / 3P
lead is not contained in the product
NCP18XW332E03RB MURATA-NCP18XW332E03RB Datasheet
189Kb / 3P
lead is not contained in the product
logo
Maxim Integrated Produc...
MAX14922EVKIT MAXIM-MAX14922EVKIT Datasheet
496Kb / 8P
LED Indication of Status and Fault Conditions
Rev 1; 6/20
MAX14917EVKIT MAXIM-MAX14917EVKIT Datasheet
1Mb / 11P
LED Indication of Channel Status and Fault Conditions
Rev 0; 4/20
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com