Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LGQ976.01 Datasheet(PDF) 6 Page - OSRAM GmbH

Part # LGQ976.01
Description  The Chip LED 0603 is the product of choice for status indication in electronics.
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LGQ976.01 Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button LGQ976.01 Datasheet HTML 2Page - OSRAM GmbH LGQ976.01 Datasheet HTML 3Page - OSRAM GmbH LGQ976.01 Datasheet HTML 4Page - OSRAM GmbH LGQ976.01 Datasheet HTML 5Page - OSRAM GmbH LGQ976.01 Datasheet HTML 6Page - OSRAM GmbH LGQ976.01 Datasheet HTML 7Page - OSRAM GmbH LGQ976.01 Datasheet HTML 8Page - OSRAM GmbH LGQ976.01 Datasheet HTML 9Page - OSRAM GmbH LGQ976.01 Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LG Q976.01
DATASHEET
DATASHEET
6 | Version 1.1 | 2023-08-25
Brightness Groups
Group
Luminous Intensity 1)
Luminous Intensity. 1)
Luminous Flux 6)
I
F = 20 mA
I
F = 20 mA
I
F = 20 mA
min.
max.
typ.
I
v
I
v
Φ
V
MG
18 mcd
21 mcd
70 mlm
MH
21 mcd
24 mcd
80 mlm
MI
24 mcd
28 mcd
90 mlm
NG
28 mcd
33 mcd
100 mlm
NH
33 mcd
39 mcd
120 mlm
NI
39 mcd
45 mcd
140 mlm
Forward Voltage Groups
Group
Forward Voltage 4)
Forward Voltage 4)
I
F = 20 mA
I
F = 20 mA
min.
max.
V
F
V
F
A8
1.60 V
2.00 V
J8
2.00 V
2.40 V
Wavelength Groups
Group
Dominant Wavelength 3)
Dominant Wavelength 3)
min.
max.
λ
dom
λ
dom
3
569 nm
572 nm
4
572 nm
575 nm
5
575 nm
578 nm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com