Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LGQ976.01 Datasheet(PDF) 20 Page - OSRAM GmbH

Part # LGQ976.01
Description  The Chip LED 0603 is the product of choice for status indication in electronics.
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LGQ976.01 Datasheet(HTML) 20 Page - OSRAM GmbH

Back Button LGQ976.01 Datasheet HTML 16Page - OSRAM GmbH LGQ976.01 Datasheet HTML 17Page - OSRAM GmbH LGQ976.01 Datasheet HTML 18Page - OSRAM GmbH LGQ976.01 Datasheet HTML 19Page - OSRAM GmbH LGQ976.01 Datasheet HTML 20Page - OSRAM GmbH LGQ976.01 Datasheet HTML 21Page - OSRAM GmbH LGQ976.01 Datasheet HTML 22Page - OSRAM GmbH LGQ976.01 Datasheet HTML 23Page - OSRAM GmbH LGQ976.01 Datasheet HTML 24Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
LG Q976.01
DATASHEET
DATASHEET
20 | Version 1.1 | 2023-08-25
Glossary
1)
Brightness: Brightness groups are tested at a current pulse duration of 25 ms and a tolerance of
±11 %.
2)
Reverse Operation: This product is intended to be operated applying a forward current within the
specified range. Applying any continuous reverse bias or forward bias below the voltage range of light
emission shall be avoided because it may cause migration which can change the electro-optical char-
acteristics or damage the LED.
3)
Wavelength: Wavelengths are tested at a current pulse duration of 25 ms and a tolerance of ±1 nm.
4)
Forward Voltage: Forward voltages are tested at a current pulse duration of 1 ms and a tolerance of
±0.1 V.
5)
Thermal Resistance: Rth max is based on statistic values (6σ) used for Derating.
6)
Typical Values: Due to the special conditions of the manufacturing processes of semiconductor devic-
es, the typical data or calculated correlations of technical parameters can only reflect statistical figures.
These do not necessarily correspond to the actual parameters of each single product, which could dif-
fer from the typical data and calculated correlations or the typical characteristic line. If requested, e.g.
because of technical improvements, these typ. data will be changed without any further notice.
7)
Characteristic curve: In the range where the line of the graph is broken, you must expect higher differ-
ences between single devices within one packing unit.
8)
Tolerance of Measure: Unless otherwise noted in drawing, tolerances are specified with ±0.1 and
dimensions are specified in mm.
9)
Tape and Reel: All dimensions and tolerances are specified acc. IEC 60286-3 and specified in mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com